Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC69302 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC69302
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69302 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC69302 Datasheet HTML 3Page - Microchip Technology MIC69302 Datasheet HTML 4Page - Microchip Technology MIC69302 Datasheet HTML 5Page - Microchip Technology MIC69302 Datasheet HTML 6Page - Microchip Technology MIC69302 Datasheet HTML 7Page - Microchip Technology MIC69302 Datasheet HTML 8Page - Microchip Technology MIC69302 Datasheet HTML 9Page - Microchip Technology MIC69302 Datasheet HTML 10Page - Microchip Technology MIC69302 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006625A-page 7
MIC69301/2/3
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Power Supply Rejection
Ratio.
FIGURE 2-2:
Dropout Voltage vs. Output
Current.
FIGURE 2-3:
Dropout Voltage vs. Input
Voltage.
FIGURE 2-4:
Dropout Voltage vs.
Temperature.
FIGURE 2-5:
Ground Current vs. Output
Current.
FIGURE 2-6:
Ground Current vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
10
100
1K
10K 100K
1M
FREQUENCY (Hz)
VIN = 3.3V
VOUT = 1.8V
IOUT = 0.5A
0
50
100
150
200
250
300
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VOUT = 1.2V
COUT = 10μF
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.5
1.0
1.5
2.0
2.5
INPUT VOLTAGE (V)
VOUT = 1.2V
COUT = 10μF
500mA
1.5A
3A
0
50
100
150
200
250
300
350
400
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VOUT = 1.2V
COUT = 10μF
IOUT = 1.5A
IOUT = 3A
0
5
10
15
20
25
30
35
0
0.5
1.0
1.5
2.0
2.5
3
OUTPUT CURRENT (A)
VIN = 2.2V
VOUT = 1.2V
COUT = 10μF
0
5
10
15
20
25
30
35
40
45
50
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 2.2V
VOUT = 1.2V
COUT = 10μF
IOUT = 1.5A
IOUT = 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com