Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC69302 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC69302
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69302 Datasheet(HTML) 1 Page - Microchip Technology

  MIC69302 Datasheet HTML 1Page - Microchip Technology MIC69302 Datasheet HTML 2Page - Microchip Technology MIC69302 Datasheet HTML 3Page - Microchip Technology MIC69302 Datasheet HTML 4Page - Microchip Technology MIC69302 Datasheet HTML 5Page - Microchip Technology MIC69302 Datasheet HTML 6Page - Microchip Technology MIC69302 Datasheet HTML 7Page - Microchip Technology MIC69302 Datasheet HTML 8Page - Microchip Technology MIC69302 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006625A-page 1
MIC69301/2/3
Features
• Input Voltage Range VIN: +1.65V to +5.5V
• Maximum Dropout (VIN – VOUT) of 500 mV over
Temperature
• Adjustable Output Voltage Down to 0.5V
• Stable with 10 µF Ceramic Output Capacitor
• Excellent Line and Load Regulation
• Logic Controlled Shutdown
• Thermal Shutdown and Current-Limit Protection
• Error Flag Output
• 5-Lead TO-263 Package
• 5-Lead S-PAK Package
• ePad SOIC-8 Package
• 12-Lead 4 mm x 4 mm DFN Package (MIC69303
Only)
• –40°C to +125°C Junction Temperature Range
Applications
• Point-of-Load Applications
• Industrial Power
• Sensitive RF Applications
General Description
The MIC69301, MIC69302, MIC69303 are the 3A
output current members of the MIC69xxx family of high
current, low voltage regulators that support currents of
1A, 1.5A, 3A, and 5A. This family operates from a
single low voltage supply and offers high precision and
ultra low dropout of 500 mV under worst case
conditions.
The MIC69301/2/3 operate from an input voltage of
1.65V to 5.5V. It is designed to drive digital circuits that
require low voltage at high currents (i.e., PLDs, DSP,
microcontroller, etc.). These regulators are available in
adjustable and fixed output voltages. The adjustable
version can support output voltages down to 0.5V.
The µCap design of the MIC69301/2/3 is optimized for
stability with low value, low-ESR ceramic output
capacitors.
Features of the MIC69301/2/3 include thermal
shutdown and current limit protection. Logic enable and
error flag pins are also available.
The MIC69301/2/3 are offered in TO-263, S-PAK, and
the ePad SOIC-8 packages. The MIC69303 is also
available in a 12-lead 4 mm x 4 mm DFN package. All
packages have an operating temperature range of
–40°C to +125°C.
Typical Application Circuits
FIXED 1.2V REGULATOR WITH
ERROR FLAG OUTPUT
ADJUSTABLE REGULATOR
(ERROR FLAG OUTPUT ON
MIC69303 ONLY)
IN
OUT
EN
FLG
GND
VIN = 2.2V
VOUT = 1.2V
CIN
COUT
MIC69301
IN
OUT
EN
ADJ
GND
VIN = 2.5V
VOUT = 1.8V
CIN
10μF
R1
R2
MIC69302/3
FLG
Single Supply VIN, Low VIN, Low VOUT, 3A LDO


Similar Part No. - MIC69302

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69302WR MICREL-MIC69302WR Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC69302WR MICREL-MIC69302WR Datasheet
438Kb / 13P
Single Supply VIN, Low VIN, Low VOUT, 3ALDO
MIC69302WU MICREL-MIC69302WU Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC69302WU MICREL-MIC69302WU Datasheet
438Kb / 13P
Single Supply VIN, Low VIN, Low VOUT, 3ALDO
More results

Similar Description - MIC69302

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
5A, Low VIN, Low VOUT uCap LDO Regulator
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
Single Supply VIN, Low VIN, Low VOUT, 3ALDO
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com