Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC69302 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC69302
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69302 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC69302 Datasheet HTML 9Page - Microchip Technology MIC69302 Datasheet HTML 10Page - Microchip Technology MIC69302 Datasheet HTML 11Page - Microchip Technology MIC69302 Datasheet HTML 12Page - Microchip Technology MIC69302 Datasheet HTML 13Page - Microchip Technology MIC69302 Datasheet HTML 14Page - Microchip Technology MIC69302 Datasheet HTML 15Page - Microchip Technology MIC69302 Datasheet HTML 16Page - Microchip Technology MIC69302 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006625A-page 13
MIC69301/2/3
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Example
8-Lead Adj. SOIC*
XXX
XXXXXXXX
WNNN
X
XXXXX
WNNN
Example
5-Lead Fixed S-PAK*
XXXXX
-X.XXX
WNNN XXX
69301
-1.2WR
5246 USA
Example
5-Lead Adj. S-PAK*
XXXXX
XX
WNNN XXX
69302
WR
6524 USA
Example
5-Lead Fixed TO-263*
XXXXX
-X.XXX
WNNNP
69301
-1.2WU
5246P
Example
5-Lead Adj. TO-263*
XXXXX
XX
WNNNP
69302
WU
6524P
MIC
69303YME
3719
Example
8-Lead Fixed SOIC*
XXXXX
-X.XXXX
WNNN
69301
-1.2YME
9371
Example
12-Lead DFN*
Y
69303
6270
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com