Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC69302 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC69302
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69302 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC69302 Datasheet HTML 4Page - Microchip Technology MIC69302 Datasheet HTML 5Page - Microchip Technology MIC69302 Datasheet HTML 6Page - Microchip Technology MIC69302 Datasheet HTML 7Page - Microchip Technology MIC69302 Datasheet HTML 8Page - Microchip Technology MIC69302 Datasheet HTML 9Page - Microchip Technology MIC69302 Datasheet HTML 10Page - Microchip Technology MIC69302 Datasheet HTML 11Page - Microchip Technology MIC69302 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MIC69301/2/3
DS20006625A-page 8
2021 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Output Voltage vs.
Temperature.
FIGURE 2-8:
Current Limit vs.
Temperature.
FIGURE 2-9:
Load Regulation.
FIGURE 2-10:
Enable Threshold vs.
Temperature.
FIGURE 2-11:
Line Transient.
FIGURE 2-12:
Load Transient.
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 2.2V
VOUT = 1.2V
IOUT = 10mA
COUT = 10μF
0
1
2
3
4
5
6
7
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = 2.2V
VOUT = 1.2V
COUT = 10μF
1.100
1.125
1.150
1.175
1.200
1.225
1.250
1.275
1.300
0
0.5
1.0 1.5
2.0 2.5
3.0
OUTPUT CURRENT (A)
VIN = 2.2V
VOUT = 1.2V
COUT = 10μF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
20 40 60 80
TEMPERATURE (°C)
ON
OFF
VIN = 2.2V
VOUT = 1.2V
IOUT = 100mA
COUT = 10μF
Time (400μs/div)
VOUT = 1.8V
COUT = 10μF
CIN = 10μF
IOUT = 1.7A
Time (200μs/div)
VIN = 5V
VOUT = 1.8V
COUT = 10μF
IOUT = 30mA - 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com