Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC69302 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC69302
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC69302 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC69302 Datasheet HTML 8Page - Microchip Technology MIC69302 Datasheet HTML 9Page - Microchip Technology MIC69302 Datasheet HTML 10Page - Microchip Technology MIC69302 Datasheet HTML 11Page - Microchip Technology MIC69302 Datasheet HTML 12Page - Microchip Technology MIC69302 Datasheet HTML 13Page - Microchip Technology MIC69302 Datasheet HTML 14Page - Microchip Technology MIC69302 Datasheet HTML 15Page - Microchip Technology MIC69302 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MIC69301/2/3
DS20006625A-page 12
2021 Microchip Technology Inc. and its subsidiaries
The ground current is approximated by using numbers
from the Electrical Characteristics table or Typical
Performance Curves section. The heat sink thermal
resistance is then determined with this formula:
EQUATION 4-3:
The heat sink may be significantly reduced in
applications where the minimum input voltage is known
and is large compared with the dropout voltage. Use a
series input resistor to drop excessive voltage and
distribute the heat between this resistor and the
regulator. The low dropout properties of Microchip
Super ßeta PNP regulators allow significant reductions
in regulator power dissipation and the associated heat
sink without compromising performance. When this
technique is employed, a capacitor of at least 1.0 µF is
needed directly between the input and regulator
ground.
Refer to Application Note 9 for further details and
examples on thermal design and heat sink
applications.
SA
TJ MAX
TA
–
PD
--------------------------------
JC CS
+
–
=
Where:
TJ(MAX) ≤ 125°C.
θCS = Between 0°C/W and 2°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com