Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6213 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 45Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 46Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 47Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 48Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 49Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 50Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 51Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 52Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
DS9884 Rev 9
49/112
STM8AF6213/13A/23/23A/26
Option bytes
108
Table 17. STM8AF6213 and STM8AF6223 alternate function remapping bits [7:2]
for 20-pin packages
Option byte number
Description(1)
1. Do not use more than one remapping option in the same port.
OPT2
AFR7: Alternate function remapping option 7
0: AFR7 remapping option inactive: default alternate function (2)
1: Port C3 alternate function = = TIM1_CH1N;
port C4 alternate function = TIM1_CH2N
AFR6: Alternate function remapping option 6
Reserved
AFR5: Alternate function remapping option 5
Reserved
AFR4: Alternate function remapping option 4
0: AFR4 remapping option inactive: default alternate function (2).
1: Port B4 alternate function = ADC_ETR; port B5 alternate function =
TIM1_BKIN.
AFR3: Alternate function remapping option 3
0: AFR3 remapping option inactive: default alternate function (2)
1: Port C3 alternate function = TLI
AFR2: Alternate function remapping option 2
0: AFR2 remapping option inactive: default alternate function (2)
1: Port D4 alternate function = LINUART_CK
2. Refer to the pin description.
Table 18. STM8AF6213A and STM8AF6223A alternate function remapping bits [7:2]
for 20-pin packages
Option byte number
Description(1)
1. Do not use more than one remapping option in the same port.
OPT2
AFR7: Alternate function remapping option 7
0: AFR7 remapping option inactive: default alternate function (2)
1: Port C4 alternate function = TIM1_CH2N
AFR6: Alternate function remapping option 6
Reserved
AFR5: Alternate function remapping option 5
Reserved
AFR4: Alternate function remapping option 4
0: AFR4 remapping option inactive: default alternate function (2).
1: Port B4 alternate function = ADC_ETR; port B5 alternate function =
TIM1_BKIN.
AFR3: Alternate function remapping option 3
Reserved.
AFR2: Alternate function remapping option 2
0: AFR2 remapping option inactive: default alternate function (2)
1: Port D4 alternate function = LINUART_CK
2. Refer to the pin description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com