Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6213 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 36Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 37Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 38Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 39Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 40Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 41Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 42Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 43Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
Memory and register map
STM8AF6213/13A/23/23A/26
40/112
DS9884 Rev 9
0x00 5300
TIM5
TIM5_CR1
TIM5 control register 1
0x00
0x00 5301
TIM5_CR2
TIM5 control register 2
0x00
0x00 5302
TIM5_SMCR
TIM5 slave mode control register
0x00
0x00 5303
TIM5_IER
TIM5 interrupt enable register
0x00
0x00 5304
TIM5_SR1
TIM5 status register 1
0x00
0x00 5305
TIM5_SR2
TIM5 status register 2
0x00
0x00 5306
TIM5_EGR
TIM5 event generation register
0x00
0x00 5307
TIM5_CCMR1
TIM5 capture/compare mode register 1
0x00
0x00 5308
TIM5_CCMR2
TIM5 capture/compare mode register 2
0x00
0x00 5309
TIM5_CCMR3
TIM5 capture/compare mode register 3
0x00
0x00 530A
TIM5_CCER1
TIM5 capture/compare enable register 1
0x00
0x00 530B
TIM5_CCER2
TIM5 capture/compare enable register 2
0x00
00 530C0x
TIM5_CNTRH
TIM5 counter high
0x00
0x00 530D
TIM5_CNTRL
TIM5 counter low
0x00
0x00 530E
TIM5_PSCR
TIM5 prescaler register
0x00
0x00 530F
TIM5_ARRH
TIM5 auto-reload register high
0xFF
0x00 5310
TIM5_ARRL
TIM5 auto-reload register low
0xFF
0x00 5311
TIM5_CCR1H
TIM5 capture/compare register 1 high
0x00
0x00 5312
TIM5_CCR1L
TIM5 capture/compare register 1 low
0x00
0x00 5313
TIM5_CCR2H
TIM5 capture/compare reg. 2 high
0x00
0x00 5314
TIM5_CCR2L
TIM5 capture/compare register 2 low
0x00
0x00 5315
TIM5_CCR3H
TIM5 capture/compare register 3 high
0x00
0x00 5316
TIM5_CCR3L
TIM5 capture/compare register 3 low
0x00
0x00 5317 to
0x00 533F
Reserved area (43 byte)
0x00 5340
TIM6
TIM6_CR1
TIM6 control register 1
0x00
0x00 5341
TIM6_CR2
TIM6 control register 2
0x00
0x00 5342
TIM6_SMCR
TIM6 slave mode control register
0x00
0x00 5343
TIM6_IER
TIM6 interrupt enable register
0x00
0x00 5344
TIM6_SR
TIM6 status register
0x00
0x00 5345
TIM6_EGR
TIM6 event generation register
0x00
0x00 5346
TIM6_CNTR
TIM6 counter
0x00
0x00 5347
TIM6_PSCR
TIM6 prescaler register
0x00
0x00 5348
TIM6_ARR
TIM6 auto-reload register
0xFF
Table 11. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com