Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6213 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 78Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 79Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 80Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 81Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 82Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 83Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 84Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 85Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
Electrical characteristics
STM8AF6213/13A/23/23A/26
82/112
DS9884 Rev 9
Figure 36. SPI timing diagram - slave mode and CPHA = 0
1. Measurement points are made at CMOS levels: 0.3 VDD and 0.7 VDD.
th(SO)(2)
Data output hold time
Slave mode
(after enable edge)
27
-
ns
th(MO)(2)
Master mode
(after enable edge)
11
-
1. Parameters are given by selecting 10 MHz I/O output frequency.
2. Values based on design simulation and/or characterization results, and not tested in production.
3. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate
the data.
4. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put
the data in Hi-Z.
Table 53. SPI characteristics (continued)
Symbol
Parameter
Conditions(1)
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com