Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6213 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 66Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 67Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 68Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 69Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 70Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 71Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 72Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 73Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
Electrical characteristics
STM8AF6213/13A/23/23A/26
70/112
DS9884 Rev 9
Low speed internal RC oscillator (LSI)
Subject to general operating conditions for VDD and TA.
10.3.5
Memory characteristics
RAM and hardware registers
Flash program memory/data EEPROM memory
General conditions: TA = -40 to 150 °C.
Table 43. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
Frequency
-
110(1)
1. Tested in production.
128
150(1)
kHz
tsu(LSI) LSI oscillator wakeup time
-
-
-
7
µs
IDD(LSI) LSI oscillator power consumption
-
-
5
-
µA
Table 44. RAM and hardware registers
Symbol
Parameter
Conditions
Min
Unit
VRM
Data retention mode(1)
1. Minimum supply voltage without losing the data stored in RAM (in halt mode or under reset) or in hardware
registers (only in halt mode). Guaranteed by design.
Halt mode (or reset)
VIT-max(2)
2. Refer to the operating conditions for the value of VIT-max
V
Table 45. Flash program memory/data EEPROM memory
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage
(all modes, execution/write/erase)
fCPU is 0 to 16 MHz
with 0 ws
3.0
-
5.5
V
Operating voltage
(code execution)
2.6
-
5.5
tprog
Standard programming time (including
erase) for byte/word/block
(1 byte/4 byte/64 byte)
--
6.0
6.6
ms
Fast programming time for 1 block
(64 byte)
--
3.0
3.3
tERASE Erase time for 1 block (64 byte)
-
-
3.0
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com