Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6213 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 75Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 76Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 77Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 78Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 79Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 80Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 81Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 82Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 112 page
background image
DS9884 Rev 9
79/112
STM8AF6213/13A/23/23A/26
Electrical characteristics
108
10.3.7
Reset pin characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified.
Figure 32. Typical NRST VIL and VIH vs VDD @ 4 temperatures
Table 52. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
NRST input low level voltage(1)
1. Guaranteed by characterization results.
--0.3
-
0.3 x VDD
V
VIH(NRST) NRST input high level voltage(1)
IOL= 2 mA
0.7 x VDD
-
VDD + 0.3
VOL(NRST) NRST output low level voltage(1)
--
-
0.5
RPU(NRST) NRST pull-up resistor(2)
2. The RPU pull-up equivalent resistor is based on a resistive transistor.
-30
55
80
k
Ω
tIFP(NRST) NRST input filtered pulse(3)
--
-
75
ns
tINFP(NRST)
NRST Input not filtered pulse
duration(3)
3. Guaranteed by design.
-500
-
-
tOP(NRST)
NRST output pulse(3)
-20
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com