Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF6213 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM8AF6213
Description  Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I²C, 3 to 5.5 V
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6213 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM8AF6213_V01 Datasheet HTML 82Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 83Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 84Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 85Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 86Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 87Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 88Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 89Page - STMicroelectronics STM8AF6213_V01 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 112 page
background image
Electrical characteristics
STM8AF6213/13A/23/23A/26
86/112
DS9884 Rev 9
10.3.10
10-bit ADC characteristics
Subject to general operating conditions for VDD, fMASTER, and TA unless otherwise
specified.
Table 55. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC clock frequency
VDD = 3 to 5.5 V
1
-
4
MHz
VDD = 4.5 to 5.5 V
1
-
6
VAIN
Conversion voltage
range(1)
1. During the sample time the input capacitance CAIN (3 pF max) can be charged/discharged by the external
source. The internal resistance of the analog source must allow the capacitance to reach its final voltage
level within tS. After the end of the sample time tS, changes of the analog input voltage have no effect on
the conversion result. Values for the sample clock tS depend on programming.
-
VSS
-
VDD
V
VBGREF
Internal bandgap
reference voltage
VDD = 3 to 5.5 V
1.19(2)
2. Tested in production.
1.22
1.25(2)
V
CADC
Internal sample and hold
capacitor
--
3
-
pF
tS(1)
Minimum sampling time
fADC = 4MHz
-
0.75
-
µs
fADC = 6 MHz
-
0.5
-
tSTAB
Wakeup time from standby
-
-
7
-
tCONV
Minimum total conversion
time including sampling
time, 10-bit resolution
fADC = 4 Hz
3.5
µs
fADC = 6 MHz
2.33
-14
1/fADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com