Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 145Page - STMicroelectronics ST25DV16KC Datasheet HTML 146Page - STMicroelectronics ST25DV16KC Datasheet HTML 147Page - STMicroelectronics ST25DV16KC Datasheet HTML 148Page - STMicroelectronics ST25DV16KC Datasheet HTML 149Page - STMicroelectronics ST25DV16KC Datasheet HTML 150Page - STMicroelectronics ST25DV16KC Datasheet HTML 151Page - STMicroelectronics ST25DV16KC Datasheet HTML 152Page - STMicroelectronics ST25DV16KC Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 203 page
background image
9.3
GPO characteristics
This section summarizes the operating and measurement conditions of the GPO feature. The parameters in the
DC and AC characteristic tables that follow are derived from tests performed under the measurement conditions
summarized in the relevant tables.
Table 253. GPO DC characteristics up to 85 °C
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOL_GPO_CMOS
Output low voltage (GPO
CMOS)
VDCG = 1.8 V, IOL = 0.5 mA
-
-
0.4
V
VDCG = 3.3 V, IOL = 0.5 mA
-
-
0.4
V
VDCG = 5.5 V, IOL = 0.5 mA
-
-
0.4
V
VOH_GPO_CMOS
Output high voltage (GPO
CMOS)
VDCG = 1.8 V, IOL = 0.5 mA
VDCG-0.4
-
-
V
VDCG = 3.3 V, IOL = 0.5 mA
VDCG-0.4
-
-
V
VDCG = 5.5 V, IOL = 0.5 mA
VDCG-0.4
-
-
V
VOL_GPO_OD
Output low voltage (GPO
open drain)
IOL = 1 mA, VCC = 1.8 V
-
0.28
0.4
V
IOL = 1 mA, VCC = 3.3 V
-
0.2
0.4
IOL = 1 mA, VCC = 5.5 V
-
0.2
0.4
IL_GPO_OD
Output leakage current
(GPO open drain)
GPO in Hi-Z, external voltage applied on:
GPO, VSS or VCC
-0.15
0.06
0.15
µA
ILI_VDCG
Input leakage (VDCG)
VDCG = 5.5 V
-
-
0.1
µA
Table 254. GPO DC characteristics up to 125 °C
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VOL_GPO_CMOS
Output low voltage (GPO
CMOS)
VDCG = 1.8 V, IOL = 0.5 mA
-
-
0.4
V
VDCG = 3.3 V, IOL = 0.5 mA
-
-
0.4
V
VDCG = 5.5 V, IOL = 0.5 mA
-
-
0.4
V
VOH_GPO_CMOS
Output high voltage (GPO
CMOS)
VDCG = 1.8 V, IOL = 0.5 mA
VDCG-0.4
-
-
V
VDCG = 3.3 V, IOL = 0.5 mA
VDCG-0.4
-
-
V
VDCG = 5.5 V, IOL = 0.5 mA
VDCG-0.4
-
-
V
VOL_GPO_OD
Output low voltage (GPO
open drain)
IOL = 1 mA, VCC = 1.8 V
-
0.28
0.4
V
IOL = 1 mA, VCC = 3.3 V
-
0.22
0.4
IOL = 1 mA, VCC = 5.5 V
-
0.21
0.4
IL_GPO_OD
Output leakage current
(GPO open drain)
GPO in Hi-Z, external voltage applied on:
GPO, VSS or VCC
-0.15
0.06
0.15
µA
ILI_VDCG
Input leakage (VDCG)
VDCG = 5.5 V
-
-
0.1
µA
Table 255. GPO AC characteristics
Symbol
Parameter
Test condition
Min.
Max
Unit
tr_GPO_CMOS
Output rise time(1)
CL = 30 pF, VDCG = 1.8 V to 5.5 V
-
50
ns
tf_GPO_CMOS
Output fall time(1)
CL = 30 pF, VDCG=1.8 V to 5.5 V
-
50
ns
1. Evaluated by Characterization – Not tested in production.
ST25DV04KC ST25DV16KC ST25DV64KC
GPO characteristics
DS13519 - Rev 3
page 149/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com