Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 147Page - STMicroelectronics ST25DV16KC Datasheet HTML 148Page - STMicroelectronics ST25DV16KC Datasheet HTML 149Page - STMicroelectronics ST25DV16KC Datasheet HTML 150Page - STMicroelectronics ST25DV16KC Datasheet HTML 151Page - STMicroelectronics ST25DV16KC Datasheet HTML 152Page - STMicroelectronics ST25DV16KC Datasheet HTML 153Page - STMicroelectronics ST25DV16KC Datasheet HTML 154Page - STMicroelectronics ST25DV16KC Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 203 page
background image
Note:
All timing characterization where performed on a reference antenna with the following characteristics:
•
ISO antenna class 1
•
Tuning frequency = 13.7 MHz
Table 257. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
Range 6
-40
85
°C
Range 8
-40
105
Figure 83. ASK modulated signal shows an ASK modulated signal from the VCD to the ST25DVxxKC. The test
conditions for the AC/DC parameters are:
•
Close coupling condition with tester antenna (1 mm)
•
ST25DVxxKC performance measured at the tag antenna
•
ST25DVxxKC synchronous timing, transmit and receive
Figure 83. ASK modulated signal
A
B
tRFF
tRFR
tRFSBL
tM IN CD
fCC
9.5
Thermal characteristics
Table 258. Thermal characteristics
Symbol
Parameter
Value
Unit
ƟJA
Thermal resistance junction-ambient
SO8N 4.9 x 6 mm, 1.27 mm pitch package(1)
219
°C/W
Thermal resistance junction-ambient
TSSOP8 3 x 6.4 mm, 0.65 mm pitch package(1)
255
Thermal resistance junction-ambient
UFDFN8 2 × 3 mm, 0.5 mm pitch package(1)(2)
67
1. Jedec JESD51-7 2s2p board
2. Exposed pad soldered to board
ST25DV04KC ST25DV16KC ST25DV64KC
Thermal characteristics
DS13519 - Rev 3
page 151/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com