Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 152Page - STMicroelectronics ST25DV16KC Datasheet HTML 153Page - STMicroelectronics ST25DV16KC Datasheet HTML 154Page - STMicroelectronics ST25DV16KC Datasheet HTML 155Page - STMicroelectronics ST25DV16KC Datasheet HTML 156Page - STMicroelectronics ST25DV16KC Datasheet HTML 157Page - STMicroelectronics ST25DV16KC Datasheet HTML 158Page - STMicroelectronics ST25DV16KC Datasheet HTML 159Page - STMicroelectronics ST25DV16KC Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 203 page
background image
10.3
UFDFN8 package information
UFDFPN8 is an 8-lead, 2 × 3 mm, 0.5 mm pitch ultra thin profile fine pitch dual flat package.
Figure 88. UFDFN8 - Outline
Top view
Pin #1
ID marking
Side view
Seating plane
eee
ccc
C
C
C
C
C
B
A
1 2
N
D
E
aaa
aaa
A
A1
A3
2x
2x
Datum A
Terminal tip
Detail “A”
Even terminal
L1
L3
L
e
e/2
Pin #1
ID marking
Bottom view
See Detail “A”
e
e
1 2
ND-1 x
D2
L1
L3
E2
K
L
b
1.
Max. package warpage is 0.05 mm.
2.
Exposed copper is not systematic and can appear partially or totally according to the cross section.
3.
Drawing is not to scale.
ST25DV04KC ST25DV16KC ST25DV64KC
UFDFN8 package information
DS13519 - Rev 3
page 156/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com