Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16KC Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 156Page - STMicroelectronics ST25DV16KC Datasheet HTML 157Page - STMicroelectronics ST25DV16KC Datasheet HTML 158Page - STMicroelectronics ST25DV16KC Datasheet HTML 159Page - STMicroelectronics ST25DV16KC Datasheet HTML 160Page - STMicroelectronics ST25DV16KC Datasheet HTML 161Page - STMicroelectronics ST25DV16KC Datasheet HTML 162Page - STMicroelectronics ST25DV16KC Datasheet HTML 163Page - STMicroelectronics ST25DV16KC Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 203 page
background image
10.5
UFDFPN12 package information
UFDFPN12 is an 12-lead, 3 x 3 mm, 0.5 mm pitch ultra thin profile fine pitch dual flat package.
Figure 91. UFDFPN12 - Outline
e
b
BOTTOM VIEW
D
E
TOP VIEW
SIDE VIEW
D2
L
E2
k
Pin #1 ID marking
A
1.
Drawing is not to scale.
Table 264. UFDFPN12 - Mechanical data
Symbol
millimeters
inches (1)
Min
Typ
Max
Min
Typ
Max
A(2)
0.45
0.55
0.60
0.0177
0.0217
0.0236
b
0.20
0.25
0.30
0.0079
0.0098
0.0118
D
2.95
3.00
3.10
0.1161
0.1181
0.1220
D2
1.35
1.40
1.45
0.0531
0.0551
0.0571
e
0.50
0.0197
E
2.95
3.00
3.10
0.1161
0.1181
0.1220
E2
2.50
2.55
2.60
0.0984
0.1004
0.1024
L
0.25
0.30
0.35
0.0098
0.0118
0.0138
k
0.40
0.0157
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Package total thickness.
ST25DV04KC ST25DV16KC ST25DV64KC
UFDFPN12 package information
DS13519 - Rev 3
page 160/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com