| Electronic Components Datasheet Search |
|
71M6541D/F/G Datasheet(PDF) 66 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
71M6541D/F/G Datasheet(HTML) 66 Page - Maxim Integrated Products |
|
66 / 166 page ![]() 71M6541D/F/G and 71M6542F/G Data Sheet 66 Rev 5 The LCD system has the ability to drive up to six segments per SEG driver. If the display is configured with six back planes, the 6-way multiplexing compresses the number of SEG pins required to drive a display and therefore enhance the number of DIO pins available to the application. Refer to the LCD_MODE[2:0] field (I/O RAM 0x2400[6:4]) settings (Table 57) for the different LCD multiplexing choices. If 5-state multiplexing is selected, SEGDIO27 is converted to COM4. If 6-state multiplexing is selected, SEGDIO26 is converted to COM5. These conversions override the SEG/DIO mapping of SEGDIO26 and SEGDIO27. Additionally, independent of LCD_MODE[2:0], if LCD_ALLCOM = 1, then SEGDIO26 and SEGDIO27 become COM4 and COM5 if their LCD_MAP[ ] bits are set. The LCD_ON (I/O RAM 0x240C[0]) and LCD_BLANK (I/O RAM 0x240C[1]) bits are an easy way to either blank the LCD display or turn it fully on. Neither bit affects the contents of the LCD data stored in the LCDSEG_DIO[ ] registers. In comparison, LCD_RST (I/O RAM 0x240C[2]) clears all LCD data to zero. LCD_RST affects only pins that are configured as LCD. A small amount of power can be saved by programming the LCD frequency to the lowest value that provides satisfactory LCD visibility over the required temperature range. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |