Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 100 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 100 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 96Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 97Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 98Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 99Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 100Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 101Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 102Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 103Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 104Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
100
Rev 5
•
GAIN_ADJ2 provides compensation for the remotely connected IB shunt current sensor and compensates
for the 71M6x01 VREF. The designer may optionally add compensation for the shunt connected to the
71M6x01 into the PPMC and PPMC2 coefficients for this channel.
Table 73: GAIN_ADJn Compensation Channels
Gain Adjustment Output
CE RAM Address
71M6541D/F/G
71M6542F/G
GAIN_ADJ0
0x40
VA
VA, VB
GAIN_ADJ1
0x41
IA
IA
GAIN_ADJ2
0x42
IB
IB
In the demonstration code, temperature compensation behavior is determined by the values stored in the
PPMC and PPMC2 coefficients, which are setup by the MPU demo code at initialization time from values
that are previously stored in EEPROM.
To disable temperature compensation in the demonstration code, PPMC and PPMC2 are both set to zero
for each of the three GAIN_ADJn channels. To enable temperature compensation, the PPMC and PPMC2
coefficients are set with values that match the expected temperature variation of the corresponding
channel.
For VREF compensation, both the linear coefficient PPMC and the quadratic coefficient PPMC2, are
determined for the 71M654x as described in 4.7.2 Temperature Coefficients for the 71M654x. For
information on determining the PPMC and PPMC2 coefficients for the 71M6x01 VREF, refer to the
71M6xxx Data Sheet.
The compensation for the external error sources is accomplished by summing the PPMC value
associated with VREF with the PPMC value associated with the external error source to obtain the final
PPMC value for the sensor channel. Similarly, the PPMC2 value associated with VREF is summed with
the PPMC2 value associated with the external error source.
To determine the contribution of the current shunt sensor to the PPMC and PPMC2 coefficients, the
designer must either know the temperature coefficients of the shunt from its data sheet or obtain it by
laboratory measurement. The designer must consider component variation across mass production to
ensure that the product will meet its accuracy requirement across production.
4.8
Connecting I
2C EEPROMs
I
2C EEPROMs or other I2C compatible devices should be connected to the DIO pins SEGDIO2 and
SEGDIO3, as shown in Figure 39.
Pull-up resistors of roughly 10 k
Ω to V3P3D (to ensure operation in BRN mode) should be used for both
SDCK and SDATA signals. The DIO_EEX[1:0] (I/O RAM 0x2456[7:6]) field in I/O RAM must be set to 01
in order to convert the DIO pins SEGDIO2 and SEGDIO3 to I
2C pins SDCK and SDATA.
Figure 39: I
2C EEPROM Connection
SEGDIO2/SDCK
EEPROM
SDCK
SDATA
V3P3D
10 k
Ω
10 k
Ω
71M654x
SEGDIO3/SDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com