Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 22Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 23Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 24Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 25Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 26Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 27Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 28Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 29Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
26
Rev 5
equivalent to 203 ns) and contains a leading flag bit. See Figure 10 for the RTM output format. RTM is
low when not in use.
Figure 11 summarizes the timing relationships between the input MUX states, the CE_BUSY signal, and
the RTM serial output stream. In this example, MUX_DIV[3:0] = 4 (I/O RAM 0x2100[7:4]) and
FIR_LEN[1:0] = 10 (I/O RAM 0x210C[1]), (384), resulting in 4 ADC conversions. An ADC conversion
always consumes an integer number of CK32 clocks. Followed by the conversions is a single CK32
cycle.
Figure 11 also shows that the RTM serial data stream begins transmitting at the beginning of state S.
RTM, consisting of 140 CK cycles, always finishes before the next CE code pass starts.
Figure 10: RTM Timing
CK32
MUX STATE
0
MUX_DIV Conversions, MUX_DIV=4 is shown
Settle
ADC MUX Frame
ADC EXECUTION
S
MUX_SYNC
S
CE_EXECUTION
RTM
140
MAX CK COUNT
0
450
150
900
1350
1800
ADC0
ADC1
ADC2
ADC3
CK COUNT = CE_CYCLES + 1CK for each ADC transfer
NOTES:
1. ALL DIMENSIONS ARE 5MHZ CK COUNTS.
2. THE PRECISE FREQUENCY OF CK IS 150*CRYSTAL FREQUENCY = 4.9152MHz.
3. XFER_BUSY OCCURS ONCE EVERY SUM_SAMPS CODE PASSES.
CE_BUSY
XFER_BUSY
INITIATED BY A CE OPCODE AT END OF SUM INTERVAL
ADC TIMING
CE TIMING
RTM TIMING
1
2
3
Figure 11: Timing Relationship Between ADC MUX, CE, and RTM Serial Transfer
CKTEST
RTM
FLAG
RTM DATA0 (32 bits)
RTM DATA1 (32 bits)
RTM DATA2 (32 bits)
RTM DATA3 (32 bits)
0
1
30
31
0
1
30
31
0
1
30
31
0
1
30
31
FLAG
FLAG
FLAG
MUX_STATE
S
MUX_SYNC
CK32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com