Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 71Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 72Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 73Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 74Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 75Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 76Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 77Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 78Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
75
A15
A14
A1
A0
C0
0
31
x
D6
D1
D0
D7
D6
D1
D0
C5
C6
C7
(From Host) SPI_CSZ
(From Host) SPI_CK
(From Host) SPI_DI
(From 6543) SPI_DO
8 bit CMD
16 bit Address
DATA[ADDR]
DATA[ADDR+1]
15
16
23
24
32
39
Extended Read . . .
SERIAL READ
A15
A14
A1
A0
C0
C5
C6
C7
x
8 bit CMD
16 bit Address
DATA[ADDR]
DATA[ADDR+1]
Extended Write . . .
SERIAL WRITE
D6
D1
D0
D7
D6
D1
D0
x
HI Z
HI Z
Status Byte
ST7
ST6
ST5
ST0
D7
40
47
0
31
15
16
23
24
32
39
40
47
Status Byte
D7
ST7
ST6
ST5
ST0
(From Host) SPI_CSZ
(From Host) SPI_CK
(From Host) SPI_DI
(From 6543) SPI_DO
Figure 27: SPI Slave Port - Typical Multi-Byte Read and Write Operations
Table 63: SPI Command Sequences
Command Sequence
Description
ADDR 1xxx xxxx STATUS
Byte0 ... ByteN
Read data starting at ADDR. ADDR auto-increments until SPI_CSZ is
raised. Upon completion, SPI_CMD (SFR 0xFD) is updated to 1xxx xxxx
and an SPI interrupt is generated. The exception is if the command byte
is 1000 0000. In this case, no MPU interrupt is generated and SPI_CMD
is not updated.
ADDR 0xxx xxxx STATUS
Byte0 ... ByteN
Write data starting at ADDR. ADDR auto-increments until SPI_CSZ is
raised. Upon completion, SPI_CMD is updated to 0xxx xxxx and an SPI
interrupt is generated. The exception is if the command byte is 0000
0000. In this case, no MPU interrupt is generated and SPI_CMD is not
updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com