Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 81 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 81 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 77Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 78Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 79Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 80Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 81Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 82Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 83Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 84Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 85Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
81
3.2
Battery Modes
Shortly after system power (V3P3SYS) is applied, the part is in mission mode (MSN mode). MSN mode
means that the part is operating with system power and that the internal PLL is stable. This mode is the
normal operating mode where the part is capable of measuring energy.
When system power is not available, the 71M654x is in one of three battery modes:
•
BRN mode (brownout mode)
•
LCD mode (LCD-only mode)
•
SLP mode (sleep mode).
An internal comparator monitors the voltage at the V3P3SYS pin (note that V3P3SYS and V3P3A are
typically connected together at the PCB level). When the V3P3SYS dc voltage drops below 3.0 VDC, the
comparator resets an internal power status bit called V3OK . As soon as system power is removed and
V3OK = 0, the 71M654x switches to battery power (VBAT pin), notifies the MPU by issuing an interrupt and
updates the VSTAT[2:0] register (SFR 0xF9[2:0], see Table 68). The MPU continues to execute code when
the system transitions from MSN to BRN mode. Refer to 3.2.1 BRN Mode for the settings that result in the
lowest possible power during BRN mode. Depending on the MPU code, the MPU can choose to stay in
BRN mode, or transition to LCD or to SLP mode (via the I/O RAM bits LCD_ONLY, I/O RAM 0x28B2[6] and
SLEEP, I/O RAM 0x28B2[7]). BRN mode is similar to MSN mode except that resources powered by V3P3A
power, such as the ADC are inaccurate. In BRN mode the CE continues to run and should be turned off
to conserve VBAT power. Also, the PLL continues to function at the same frequency as in MSN mode
and its frequency should be reduced to save power (CKGN = 0x24 (I/O RAM 0x2200).
When system power is restored, the 71M654x automatically transitions from any of the battery modes
(BRN, LCD, SLP) back to MSN mode, switches back to using system power (V3P3SYS, V3P3A), issues
an interrupt and updates VSTAT[1:0]. The MPU software should restore MSN mode operation by issuing
a soft reset to restore system settings to values appropriate for MSN mode.
Figure 29 shows a state diagram of the various operating modes, with the possible transitions between modes.
When the part wakes-up under battery power, the part automatically enters BRN mode (see 3.4 Wake Up
Behavior). From BRN mode, the part may enter either LCD mode or SLP mode, as controlled by the MPU.
Figure 29: Operation Modes State Diagram
V3P3SYS
rises
V3P3SYS
falls
MSN
BRN
LCD
SLEEP or
VBAT
insufficient
System Power
Battery Power
LCD_ONLY
RESET &
VBAT
sufficient
RESET
Wake Flags
Wake
event
RESET &
VBAT
insufficient
V3P3SYS
rises
V3P3SYS
rises
SLP
Wake
event
VBAT
insufficient
VBAT
insufficient
VSTAT=001
VSTAT=00X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com