Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 72 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 72 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 68Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 69Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 70Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 71Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 72Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 73Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 74Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 75Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 76Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
72
Rev 5
Control
Bit
Name
Read/
Write
Description
4
RD
W
Indicates that EEDATA (SFR 0x9E) is to be filled with data from EEPROM.
3:0
CNT[3:0]
W
Specifies the number of clocks to be issued. Allowed values are 0
through 8. If RD=1, CNT bits of data are read MSB first, and right
justified into the low order bits of EEDATA. If RD=0, CNT bits are sent
MSB first to the EEPROM, shifted out of the MSB of EEDATA. If
CNT[3:0] is zero, SDATA simply obeys the HiZ bit.
The timing diagrams in Figure 22 through Figure 26 describe the 3-wire EEPROM interface behavior. All
commands begin when the EECTRL (SFR 0x9F) register is written. Transactions start by first raising the
DIO pin that is connected to CS. Multiple 8-bit or less commands such as those shown in Figure 22
through Figure 26 are then sent via EECTRL and EEDATA.
When the transaction is finished, CS must be lowered. At the end of a Read transaction, the EEPROM is
driving SDATA, but transitions to Hi-Z (high impedance) when CS falls. The firmware should then
immediately issue a write command with CNT=0 and HiZ=0 to take control of SDATA and force it to a
low-Z state.
Figure 22: 3-Wire Interface. Write Command, HiZ=0.
Figure 23: 3-Wire Interface. Write Command, HiZ=1
Figure 24: 3-Wire Interface. Read Command.
SCLK (output)
BUSY (bit)
CNT Cycles (6 shown)
SDATA (output)
Write -- No HiZ
D2
D3
D4
D5
D6
D7
EECTRL Byte Written
INT5
SDATA output Z
(LoZ)
CNT Cycles (6 shown)
Write -- With HiZ
INT5
EECTRL Byte Written
SCLK (output)
BUSY (bit)
SDATA (output)
D2
D3
D4
D5
D6
D7
(HiZ)
(LoZ)
SDATA output Z
CNT Cycles (8 shown)
READ
D0
D1
D2
D3
D4
D5
INT5
D6
D7
EECTRL Byte Written
SCLK (output)
BUSY (bit)
SDATA (input)
SDATA output Z
(HiZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com