Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 105 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 105 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 101Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 102Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 103Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 104Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 105Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 106Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 107Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 108Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 109Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
105
5
Firmware Interface
5.1
I/O RAM Map –Functional Order
In Table 74 and Table 75, unimplemented (U) and reserved (R) bits are shaded in light gray. Unimplemented bits are identified with a ‘U’.
Unimplemented bits have no memory storage, writing them has no effect, and reading them always returns zero. Reserved bits are identified with
an ‘R’, and must always be written with a zero. Writing values other than zero to reserved bits may have undesirable side effects and must be
avoided. Non-volatile bits are shaded in dark gray. Non-volatile bits are backed-up during power failures if the system includes a battery connected
to the VBAT pin.
The I/O RAM locations listed in Table 74 have sequential addresses to facilitate reading by the MPU (e.g., in order to verify their contents). These
I/O RAM locations are usually modified only at boot-up. The addresses shown in Table 74 are an alternative sequential address to the addresses
from Table 75 which are used throughout document. For instance, EQU[2:0] can be accessed at I/O RAM 0x2000[7:5] or at I/O RAM 0x2106[7:5].
Table 74: I/O RAM Map – Functional Order, Basic Configuration
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CE6
2000
EQU[2:0]
U
CHOP_E[1:0]
RTM_E
CE_E
CE5
2001
U
SUM_SAMPS[12:8]
CE4
2002
SUM_SAMPS[7:0]
CE3
2003
U
U
CE_LCTN[5:0]
CE2
2004
PLS_MAXWIDTH[7:0]
CE1
2005
PLS_INTERVAL[7:0]
CE0
2006
R
R
DIFFB_E
DIFFA_E
RFLY_DIS
FIR_LEN[1:0]
PLS_INV
RCE0
2007
CHOPR[1:0]
R
R
RMT_E
R
R
R
RTMUX
2008
U
TMUXRB[2:0]
U
TMUXRA[2:0]
Reserved
2009
U
U
R
U
U
U
U
U
MUX5
200A
MUX_DIV[3:0]
MUX10_SEL
MUX4
200B
MUX9_SEL
MUX8_SEL
MUX3
200C
MUX7_SEL
MUX6_SEL
MUX2
200D
MUX5_SEL
MUX4_SEL
MUX1
200E
MUX3_SEL
MUX2_SEL
MUX0
200F
MUX1_SEL
MUX0_SEL
TEMP
2010
TEMP_BSEL
TEMP_PWR
OSC_COMP
TEMP_BAT
TBYTE_BUSY
TEMP_PER[2:0]
LCD0
2011
LCD_E
LCD_MODE[2:0]
LCD_ALLCOM
LCD_Y
LCD_CLK[1:0]
LCD1
2012
LCD_VMODE[1:0]
LCD_BLNKMAP23[5:0]
LCD2
2013
LCD_BAT
R
LCD_BLNKMAP22[5:0]
LCD_MAP6
2014
LCD_MAP[55:48]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com