Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 142 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 142 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 138Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 139Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 140Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 141Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 142Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 143Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 144Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 145Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 146Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
142
Rev 5
6.4.3
Battery Monitor
Table 98: Battery Monitor Performance Specifications (TEMP_BAT= 1)
Parameter
Condition
Min
Typ
Max
Unit
BV: Battery Voltage
(definition)
MSN mode, TEMP_PWR = 1
BRN mode,
TEMP_PWR=TEMP_BSEL
��������=3.3����+(������������������������−142)∙0.0246����+���������������������∙297��������
��������=3.291����+(������������������������−142)∙0.0255����+��������������������∙328�������� V
Measurement Error
−
⋅
1
100
VBAT
BV
VBAT =
2.0 V
2.5 V
3.0 V
4.0 V
-7.5
-5
-3
-3
7.5
5
3
5
%
Input impedance in
continuous measurement,
MSN mode.
V(VBAT_RTC)/I(VBAT_RTC)
V3P3 = 3.3 V,
TEMP_BSEL = 0,
TEMP_PER = 111,
VBAT_RTC = 3.6 V,
1
M
Ω
Load applied with BCURR
IBAT(BCURR=1) - IBAT(BCURR=0)
V3P3 = 3.3 V
50
100
140
µA
6.4.4
Temperature Monitor
Table 99. Temperature Monitor
Parameter
Condition
Min
Typ
Max
Unit
Temperature Measurement
Equation
In MSN,
TEMP_PWR=1:
Temp=0.325∙STEMP+22
In BRN, TEMP_PWR = TEMP_BSEL:
����������������=0.325∙��������������������+0.00218∙������������������������2−0.609∙������������������������+64.4
°C
Temperature Error
TA=+22°C
-2
+2
°C
VBAT_RTC charge per
measurement
TEMP_BSEL = 0,
TEMP_PWR=0,
SLP Mode,
VBAT_RTC = 3.6 V
16
µC
Duration of temperature
measurement after setting
TEMP_START
(see note 1)
TEMP_PWR = 0,
TEMP_PER = 7,
SLP Mode,
VBAT_RTC = 3.6 V
Force V3P3D = 1.0 V
15
60
ms
Notes:
1.
Guaranteed by design; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com