Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6541D/F/G Datasheet(PDF) 156 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 156 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 152Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 153Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 154Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 155Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 156Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 157Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 158Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 159Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 160Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
156
Rev 5
6.7
Package Markings
1
71M6541D-
IGT.428AB
104224TH
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
1
71M6542G-IGT
110124TK
445AP
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
51
52
53
54
55
56
57
58
59
60
Figure 49. Package Markings (Examples)
Figure 49 provides an example of the package markings for the 64-pin and 100-pin packages. Package
markings comprise three lines of text and are as described in Table 117 and Table 118 below.
Table 117. 71M6541 Package Markings
Line No.
Markings
Description
1
71M6541D-
Part number (‘IGT’ wraps to the next line)
Refer to Table 122.
2
IGT.428AB
The five characters to the right of the dot
(i.e., 428AB) are the lot code.
3
104224TH
The first four digits to the left are the year
and week of manufacture as YYWW. In
this example, the date code is 1042 which
represents year 2010, week 42.
The last four characters (i.e., 24TH) are
reserved for Maxim internal use only.
Table 118. 71M6542 Package Markings
Line No.
Markings
Description
1
71M6542G-IGT
Part number. Refer to Table 122.
2
110124TK
The first four digits to the left are the year
and week of manufacture as YYWW. In
this example, the date code is 1101 which
represents year 2011, week 1.
The last four characters (i.e., 24TK) are
reserved for Maxim internal use only.
3
445AP
A five character lot code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com