Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGT/F Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # 71M6543HT-IGT/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGT/F Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button 71M6543HT-IGT/F Datasheet HTML 3Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 4Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 5Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 6Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 7Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 8Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 9Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 10Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
Maxim Integrated │ 7
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Electrical Characteristics
(All voltages referenced to GNDA.)
Supplies and Ground Pins
VV3P3SYS, VV3P3A...............................................-0.5V to +4.6V
VBAT, VBAT_RTC...................................................-0.5V to +4.6V
GNDD...................................................................-0.1V to +0.1V
Analog Output Pins
VREF.......................-10mA to +10mA, -0.5V to (VV3P3A + 0.5V)
VDD..........................................-10mA to +10mA, -0.5V to +3.0V
VV3P3D....................................-10mA to +10mA, -0.5V to +4.6V
VLCD........................................-10mA to +10mA, -0.5V to +6.0V
Analog Input Pins
IADC0-7, VADC8-10...........................-10mA to +10mA, -0.5V to
(VV3P3A + 0.5V)
XIN, XOUT...............................-10mA to +10mA, -0.5V to +3.0V
SEG and SEGDIO Pins
Configured as SEG or COM Drivers. -1mA to +1mA, -0.5V to +6.0V
Configured as Digital Inputs ....-10mA to +10mA, -0.5V to +6.0V
Configured as Digital Outputs ............-10mA to +10mA, -0.5V to
(VV3P3D + 0.5V)
Digital Pins
Inputs (PB, RESET, RX, ICE_E, TEST)...........-10mA to +10mA,
-0.5V to +6.0V
Outputs (TX).......... -10mA to +10mA, -0.5V to (VV3P3D + 0.5V)
Temperature
Operating Junction Temperature (peak, 100ms).............+140°C
Operating Junction Temperature (continuous) ................+125°C
Storage Temperature........................................ -45°C to +140°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Absolute Maximum Ratings
(Limits are production tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are guaran-
teed by design and characterization.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECOMMENDED OPERATING CONDITIONS
VV3P3SYS and VV3P3A Supply
Voltage
Precision metering operation
3.0
3.6
V
VBAT
PLL_FAST = 1
2.65
3.8
V
PLL_FAST = 0
2.40
3.8
VBAT_RTC
2.0
3.8
V
Operating Temperature
-40
+85
°C
INPUT LOGIC LEVELS
Digital High-Level Input Voltage
(VIH)
2
V
Digital Low-Level Input Voltage
(VIL)
0.8
V
Input Pullup Current, (IIL) E_
RTXT, E_RST, E_TCLK
10
100
µA
Input Pullup Current, (IIL) OPT_
RX, OPT_TX
10
100
µA
Input Pullup Current, (IIL) SPI_
CSZ (SEGDIO36)
10
100
µA
Input Pullup Current, (IIL) Other
Digital Inputs
-1
+1
µA
Input Pulldown Current (IIH),
ICE_E, RESET, TEST
10
100
µA
Input Pulldown Current, (IIH)
Other Digital Inputs
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com