Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGT/F Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # 71M6543HT-IGT/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGT/F Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button 71M6543HT-IGT/F Datasheet HTML 32Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 33Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 34Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 35Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 36Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 37Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 38Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 39Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
Maxim Integrated │ 36
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Square Wave Output
The 71M654xT includes a square wave generator that
can be configured to present a square wave on the
SEGDIO15pin.Thissquarewavecanbeusedasaclock
to drive other devices and peripherals.
The output is enabled by setting the OUT_SQE bit. The
output frequency can then be selected by setting the
OUT_SQ[1:0] bits.
EEPROM Interface
The 71M654xT provides hardware support for both two-
pin (I2C) and three-wire (MICROWIRE) EEPROMs.
Two-Pin EEPROM Interface
The two-pin serial interface is multiplexed onto the
SEGDIO2 (SDCK) and SEGDIO3 (SDATA) pins. Configure
the interface for two-pin mode by setting DIO_EEX[1:0] =
01. The MPU communicates with the interface through
the SFR registers EEDATA and EECTRL. To write a
byte of data to the EEPROM the MPU places the data in
EEDATA and then writes the Transmit code to EECTRL.
This initiates the transmit operation which is finished
when the BUSY bit falls. INT5 is also asserted when
BUSY falls. The MPU can then check the RX_ACK bit to
see if the EEPROM acknowledged the transmission.
A byte is read by writing the Receive command to
EECTRL and waiting for the BUSY bit to fall. Upon com-
pletion, the received data is in EEDATA. The serial trans-
mit and receive clock is 78kHz during each transmission,
and then holds in a high state until the next transmission.
The two-pin interface handles protocol details. The MPU
can command the interface to issue a start, a repeated
start and a stop condition, and it can manage the transmit-
ted ACK status as well.
Three-Wire EEPROM Interface
The three-wire interface supports standard MICROWIRE
(single data pin with clock and select pins) or a subset of
SPI (separate DI and DO pins with clock and select pins).
MICROWIRE is selected by setting DIO_EEX[1:0] = 10.
In this mode, EECTRL selects whether the interface is
sending or receiving, and eight bits of data are transferred
in each transaction. In this configuration, SEGDIO2 is
configured for clock, and SEGDIO3 is configured for data.
When separate DI/DO pins are selected (DIO_EEX[1:0]
= 11) the interface operates as a subset of SPI. Only
SPI modes 0 or 3 are supported. In this configuration,
SEGDIO3 is DO and SEGDIO8 is DI.
UART
The 71M6543FT/HT/GT/GHT include a UART (UART0)
that can be programmed to communicate with a variety
of AMR modules and other external devices. A second
UART (UART1) is connected to the optical port.
The 80515 only supports two UARTs, but meters occasion-
ally need three. The 71M654xT tries to help in two ways.
First, as shown in Figure 7, the 71M654xT can be config-
ured to switch the optical UART to DIOs 5 and 17 by setting
UMUX_SEL (I/O RAM 0x2456[4]) to 1. This is useful when
a conventional UART can appear by command at different
pins. The DIOs must not be configured as LCD outputs.
Also, as shown in Figure 7, the 71M654xT can also be
configured to drive the opti7al UART with DIO signal in a
bit banged configuration. When control bit OPT_BB (I/O
RAM 0x2022[0]) is set, the optical port is driven by DIO5
and the SEGDIO5 pin is driven by UART1_TX. This con-
figuration is typically used when the two dedicated UARTs
must be connected to high speed clients and a slower
optical UART is permissible.
SPI Slave Port
The SPI slave port communicates directly with the MPU
data bus and is able to read and write Data RAM and
I/O RAM locations. It is also able to send commands to
the MPU. The interface to the slave port consists of the
SPI_CSZ, SPI_CKI, SPI_DI and SPI_DO pins. These
pins are multiplexed with the combined DIO/LCD segment
driver pins SEGDIO36 to SEGDIO39.
Additionally, the SPI interface allows flash memory to
be read and to be programmed. To facilitate flash pro-
gramming, cycling power or asserting RESET causes
the SPI port pins to default to SPI mode. The SPI port is
disabled by clearing the SPI_E bit.
Possible applications for the SPI interface are:
• An external host reads data from CE locations to
obtain metering information. This can be used in
applications where the 71M654xT function as a smart
front-end with preprocessing capability. Since the
addresses are in 16-bit format, any type of XRAM data
can be accessed: CE, MPU, I/O RAM, but not SFRs or
the 80515-internal register bank.
• A communication link can be established via the SPI
interface: By writing into MPU memory locations, the
external host can initiate and control processes in the
71M654xT MPU. Writing to a CE or MPU location
normally generates an interrupt, a function that can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com