Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGT/F Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # 71M6543HT-IGT/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGT/F Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button 71M6543HT-IGT/F Datasheet HTML 18Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 19Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 20Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 21Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 22Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 23Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 24Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 25Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
Maxim Integrated │ 22
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Figure 3. 71M6543FT/HT/GT/GHT Operating with Remote Sensor for Neutral Current
used with CTs, or may be enabled to interface to a remote
71M6x03 isolated current sensor providing isolation for a
shunt resistor sensor using a low cost pulse transformer.
The remaining inputs (VADC8-VADC10) are single-ended
and sense line voltage. These single-ended inputs are
referenced to the VV3P3A pin.
All analog signal input pins measure voltage. In the
case of shunt current sensors, currents are sensed as
a voltage drop in the shunt resistor sensor. Referring
to Figure 2, shunt sensors can be connected directly
to the 71M654xT (referred to as a ‘local’ shunt sensor)
or connected via an isolated 71M6x03 (referred to as a
‘remote’ shunt sensor) (Figure 3). In the case of current
transformers, the current is measured as a voltage across
a burden resistor that is connected to the secondary
winding of the CT. Meanwhile, line voltages are sensed
through resistive voltage dividers.
Pins IADC0-IADC1 can be programmed individually to be
differential or single-ended. For most applications IADC0-
IADC1 are configured as a differential input to work with
a shunt or CT directly interfaced to the IADC0-IADC1
differential input with the appropriate external signal con-
ditioning components.
∑ ADC
CONVERTER
VREF
MUX
VREF
VREF
VADC
22
22
FIR
IADC0
VADC8 (VA)
IADC1
CE RAM
LOCAL
SHUNT
IN*
VADC9 (VB)
VADC10 (VC)
REMOTE
SHUNT
IC
71M6543FT/HT/GT/GHT
71M6x03
* IN = OPTIONAL NEUTRAL CURRENT
IADC6
IADC7
SP
SN
INP
INN
DIGITAL
ISOLATION
INTERFACE
22
REMOTE
SHUNT
IB
71M6x03
IADC4
IADC5
SP
SN
INP
INN
DIGITAL
ISOLATION
INTERFACE
22
REMOTE
SHUNT
IA
71M6x03
IADC2
IADC3
SP
SN
INP
INN
DIGITAL
ISOLATION
INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com