Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGT/F Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # 71M6543HT-IGT/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGT/F Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button 71M6543HT-IGT/F Datasheet HTML 45Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 46Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 47Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 48Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 49Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 50Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 51Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 52Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
Maxim Integrated │ 49
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Table 12. I/O RAM Locations in Numerical Order (continued)
NAME
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CE2
210A
PLS_MAXWIDTH[7:0]
CE1
210B
PLS_INTERVAL[7:0]
CE0
210C
R
R
DIFFB_E
DIFFA_E
RFLY_DIS
FIR_LEN[1:0]
PLS_INV
CE0
RTM0
210D
U
U
U
U
U
U
RTM0[9:8]
RTM0
210E
RTM0[7:0]
RTM1
210F
RTM1[7:0]
RTM2
2110
RTM2[7:0]
RTM3
2111
RTM3[7:0]
FIR_EXT
2112
U
U
U
U
SLOT_EXT[3:0]
CLOCK GENERATION
CKGN
2200
OUT_SQ[1:0]
ADC_DIV
PLL_FAST
RESET
MPU_DIV[2:0]
VREF TRIM FUSES
TRIMT
2309
TRIMT[7:0]
LCD/DIO
LCD0
2400
LCD_E
LCD_MODE[2:0]
LCD_ALLCOM
LCD_Y
LCD_CLK[1:0]
LCD1
2401
LCD_VMODE[1:0]
LCD_BLNKMAP23[5:0]
LCD2
2402
LCD_BAT
R
LCD_BLNKMAP22[5:0]
LCD_MAP6
2405
LCD_MAP[55:48]
LCD_MAP5
2406
LCD_MAP[47:40]
LCD_MAP4
2407
LCD_MAP[39:32]
LCD_MAP3
2408
LCD_MAP[31:24]
LCD_MAP2
2409
LCD_MAP[23:16]
LCD_MAP1
240A
LCD_MAP[15:8]
LCD_MAP0
240B
LCD_MAP[7:0]
LCD4
240C
U
U
U
U
U
LCD_RST
LCD_BLANK
LCD_ON
LCD_DAC
240D
U
U
U
LCD_DAC[4:0]
SEGDIO0
2410
U
U
LCD_SEG0[5:0]
SEGDIO1
2411
U
U
LCD_SEG1[5:0]
SEGDIO2
2412
U
U
LCD_SEG2[5:0]
SEGDIO3
2413
U
U
LCD_SEG3[5:0]
SEGDIO4
2414
U
U
LCD_SEG4[5:0]
SEGDIO5
2415
U
U
LCD_SEG5[5:0]
SEGDIO6
2416
U
U
LCD_SEG6[5:0]
SEGDIO7
2417
U
U
LCD_SEG7[5:0]
SEGDIO8
2418
U
U
LCD_SEG8[5:0]
SEGDIO9
2419
U
U
LCD_SEG9[5:0]
SEGDIO10
241A
U
U
LCD_SEG10[5:0]
SEGDIO11
241B
U
U
LCD_SEG11[5:0]
SEGDIO12
241C
U
U
LCD_SEG12[5:0]
SEGDIO13
241D
U
U
LCD_SEG13[5:0]
SEGDIO14
241E
U
U
LCD_SEG14[5:0]
SEGDIO15
241F
U
U
LCD_SEG15[5:0]
SEGDIO16
2420
U
U
LCD_SEG16[5:0]
SEGDIO17
2421
U
U
LCD_SEG17[5:0]
SEGDIO18
2422
U
U
LCD_SEG18[5:0]
SEGDIO19
2423
U
U
LCD_SEG19[5:0]
SEGDIO20
2424
U
U
LCD_SEG20[5:0]
SEGDIO21
2425
U
U
LCD_SEG21[5:0]
SEGDIO22
2426
U
U
LCD_SEG22[5:0]
SEGDIO23
2427
U
U
LCD_SEG23[5:0]
SEGDIO24
2428
U
U
LCD_SEG24[5:0]
SEGDIO25
2429
U
U
LCD_SEG25[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com