Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGT/F Datasheet(PDF) 73 Page - Maxim Integrated Products

Part # 71M6543HT-IGT/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGT/F Datasheet(HTML) 73 Page - Maxim Integrated Products

Back Button 71M6543HT-IGT/F Datasheet HTML 67Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 68Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 69Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 70Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 71Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 72Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 73Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 74Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 75Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
Maxim Integrated │ 73
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
Ordering Information
F = Lead(Pb)-free/RoHS-compliant package.
R = Tape and reel.
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
PART
TEMP RANGE
ACCURACY (TYP, %)
FLASH (KB)
PIN-PACKAGE
71M6543FT-IGT/F
-40°C to +85°C
0.1
64
100 LQFP
71M6543FT-IGTR/F
-40°C to +85°C
0.1
64
100 LQFP
71M6543HT-IGT/F
-40°C to +85°C
0.1
64
100 LQFP
71M6543HT-IGTR/F
-40°C to +85°C
0.1
64
100 LQFP
71M6543GT-IGT/F
-40°C to +85°C
0.1
128
100 LQFP
71M6543GT-IGTR/F
-40°C to +85°C
0.1
128
100 LQFP
71M6543GHT-IGT/F
-40°C to +85°C
0.1
128
100 LQFP
71M6543GHT-IGTR/F
-40°C to +85°C
0.1
128
100 LQFP
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
100 LQFP
C100L+8
21-0684
90-0416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com