Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6543HT-IGT/F Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # 71M6543HT-IGT/F
Description  Energy Meter ICs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6543HT-IGT/F Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button 71M6543HT-IGT/F Datasheet HTML 29Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 30Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 31Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 32Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 33Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 34Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 35Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 36Page - Maxim Integrated Products 71M6543HT-IGT/F Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
Maxim Integrated │ 33
71M6543FT/71M6543HT/
71M6543GT/71M6543GHT
Energy Meter ICs
www.maximintegrated.com
When the part is waking up from SLP or LCD modes,
the PLL is turned on in 6.29MHz mode, and the PLL fre-
quencyisnotbeaccurateuntilthePLL_OKflagbecomes
active. Due to potential overshoot, the MPU should not
change the value of PLL_FAST until PLL_OK is true.
Real-Time Clock (RTC)
The real-time clock is driven directly by the crystal
oscillator and is powered by either the VV3P3SYS pin
or the VBAT_RTC pin, depending on the V3OK internal
bit. The RTC consists of a counter chain and a set of
output registers. The counter chain consists of registers
for seconds, minutes, hours, day of week, day of month,
month, and year. The chain registers are supported by a
shadow register that facilitates read and write operations.
RTC Trimming
The RTC accuracy can be trimmed by means of a digital
trimming mechanism that affects only the RTC. Either or
both of these adjustment mechanisms can be used to trim
the RTC.
The 71M6543FT/HT/GT/GHT can also be configured to
regularly measure die temperature, including in SLP and
LCD modes and while the MPU is halted. If enabled, the
temperature information is automatically used to correct
for the temperature variation of the crystal.A quadratic
equationisusedtocomputethetemperaturecorrection
factors.
Thetemperatureispassedbothtothequadraticcalcula-
tion block and to a range check block. If the temperature
exceeds the limits established in the SMIN, SMAX and
SFILT registers when a range checking is enabled, a
WAKE or an INTERRUPT event is posted.
Thequadraticcalculationblockcomputesthepositionon
the inverse parabolic curve that is characteristic for tuning
forkcrystalsbasedontheknownαandT0 values for the
crystal (these are published by the crystal manufacturer
and are relatively consistent for a particular crystal type).
Finally,theabsolutefrequencyerrorisaddedorsubtract-
ed from the computed value, and the final result is used
tocompensatethefrequencyofthecrystal.
RTC Interrupts
The RTC generates interrupts each second and each
minute. These interrupts are called RTC_1SEC and
RTC_1MIN. In addition, the RTC functions as an alarm
clock by generating an interrupt when the minutes and
hoursregistersbothequaltheirrespectivetargetcounts
as defined in the alarm registers. The alarm clock inter-
rupt is called RTC_T. All three interrupts appear in the
MPU’s external interrupt 6.
Temperature Sensor
The 71M654xT includes an on-chip temperature sensor
for determining the temperature of its bandgap reference.
The primary use of the temperature data is to determine
themagnitudeofcompensationrequiredtooffsetthether-
mal drift in the system for the compensation of current,
voltage and energy measurement and the RTC. See the
Metrology Temperature Compensation.
The 71M654xT uses a dual-slope temperature measure-
menttechniquethatisoperationalinSLPandLCDmode,
as well as BRN and MSN modes. This means that the
temperature sensor can be used to compensate for the
frequencyvariationofthecrystal,eveninSLPmodewhile
the MPU is halted.
In MSN and BRN modes, the temperature sensor is
awakened on command from the MPU by setting the
TEMP_START control bit. The MPU must wait for the
TEMP_START bit to clear before reading STEMP[15:0]
and before setting the TEMP_START bit once again. In
SLP and LCD modes, it is awakened at a regular rate set
by TEMP_PER[2:0].
The result of the temperature measurement can be read
from STEMP[15:0]. Typically, only eleven bits are signifi-
cant, the remaining high-order bits reflecting the sign of
the temperature relative to 0C.
Battery Monitor
The 71M654xT temperature measurement circuit can
also monitor the batteries at the VBAT and VBAT_RTC
pins. The battery to be tested (i.e., VBAT or VBAT_RTC
pin) is selected by TEMP_BSEL.
When TEMP_BAT is set, a battery measurement is
performed as part of each temperature measurement.
The value of the battery reading is stored in register
BSENSE[7:0]. The battery voltage can be calculated by
using the formula in the BATTERY MONITOR section of
the electrical characteristics table.
In MSN mode, a 100µA de-passivation load can be applied
to the selected battery (i.e., selected by the TEMP_BSEL
bit) by setting the BCURR bit. Battery impedance can
be measured by taking a battery measurement with and
without BCURR. Regardless of the BCURR bit setting,
the battery load is never applied in BRN, LCD, and SLP
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com