Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 140Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 141Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 142Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 143Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 144Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 145Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 146Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 147Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 320 page
background image
PIC18F2450/4450
DS39760A-page 142
Advance Information
© 2006 Microchip Technology Inc.
TABLE 14-4:
ASSIGNMENT OF BUFFER DESCRIPTORS FOR THE DIFFERENT
BUFFERING MODES
TABLE 14-5:
SUMMARY OF USB BUFFER DESCRIPTOR TABLE REGISTERS
Endpoint
BDs Assigned to Endpoint
Mode 0
(No Ping-Pong)
Mode 1
(Ping-Pong on EP0 OUT)
Mode 2
(Ping-Pong on all EPs)
Out
In
Out
In
Out
In
0
0
1
0 (E), 1 (O)
2
0 (E), 1 (O)
2 (E), 3 (O)
1
2
3
3
4
4 (E), 5 (O)
6 (E), 7 (O)
2
4
5
5
6
8 (E), 9 (O)
10 (E), 11 (O)
3
6
7
7
8
12 (E), 13 (O)
14 (E), 15 (O)
4
8
9
9
10
16 (E), 17 (O)
18 (E), 19 (O)
5
10
11
11
12
20 (E), 21 (O)
22 (E), 23 (O)
6
12
13
13
14
24 (E), 25 (O)
26 (E), 27 (O)
7
14
15
15
16
28 (E), 29 (O)
30 (E), 31 (O)
8
16
17
17
18
32 (E), 33 (O)
34 (E), 35 (O)
9
18
19
19
20
36 (E), 37 (O)
38 (E), 39 (O)
10
20
21
21
22
40 (E), 41 (O)
42 (E), 43 (O)
11
22
23
23
24
44 (E), 45 (O)
46 (E), 47 (O)
12
24
25
25
26
48 (E), 49 (O)
50 (E), 51 (O)
13
26
27
27
28
52 (E), 53 (O)
54 (E), 55 (O)
14
28
29
29
30
56 (E), 57 (O)
58 (E), 59 (O)
15
30
31
31
32
60 (E), 61 (O)
62 (E), 63 (O)
Legend: (E) = Even transaction buffer, (O) = Odd transaction buffer
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BDnSTAT(1)
UOWN
DTS(4)
PID3(2)
PID2(2)
PID1(2)
DTSEN(3)
PID0(2)
BSTALL(3)
BC9
BC8
BDnCNT(1)
Byte Count
BDnADRL(1)
Buffer Address Low
BDnADRH(1)
Buffer Address High
Note 1:
For buffer descriptor registers, n may have a value of 0 to 63. For the sake of brevity, all 64 registers are
shown as one generic prototype. All registers have indeterminate Reset values (xxxx xxxx).
2:
Bits 5 through 2 of the BDnSTAT register are used by the SIE to return PID3:PID0 values once the register
is turned over to the SIE (UOWN bit is set). Once the registers have been under SIE control, the values
written for DTSEN and BSTALL are no longer valid.
3:
Prior to turning the buffer descriptor over to the SIE (UOWN bit is cleared), bits 3 and 2 of the BDnSTAT
register are used to configure the DTSEN and BSTALL settings.
4:
This bit is ignored unless DTSEN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com