Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 146 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 146 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 142Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 143Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 144Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 145Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 146Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 147Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 148Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 149Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 320 page
background image
PIC18F2450/4450
DS39760A-page 144
Advance Information
© 2006 Microchip Technology Inc.
14.5.1
USB INTERRUPT STATUS
REGISTER (UIR)
The USB Interrupt Status register (Register 14-7)
contains the flag bits for each of the USB status
interrupt sources. Each of these sources has a
corresponding interrupt enable bit in the UIE register. All
of the USB status flags are ORed together to generate
the USBIF interrupt flag for the microcontroller’s
interrupt funnel.
Once an interrupt bit has been set by the SIE, it must
be cleared by software by writing a ‘0’. The flag bits
can also be set in software which can aid in firmware
debugging.
REGISTER 14-7:
UIR: USB INTERRUPT STATUS REGISTER
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0
R/W-0
—
SOFIF
STALLIF
IDLEIF(1)
TRNIF(2)
ACTVIF(3)
UERRIF(4)
URSTIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
SOFIF: START-OF-FRAME Token Interrupt bit
1
= A START-OF-FRAME token received by the SIE
0
= No START-OF-FRAME token received by the SIE
bit 5
STALLIF: A STALL Handshake Interrupt bit
1
= A STALL handshake was sent by the SIE
0
= A STALL handshake has not been sent
bit 4
IDLEIF: Idle Detect Interrupt bit(1)
1
= Idle condition detected (constant Idle state of 3 ms or more)
0
= No Idle condition detected
bit 3
TRNIF: Transaction Complete Interrupt bit(2)
1
= Processing of pending transaction is complete; read USTAT register for endpoint information
0
= Processing of pending transaction is not complete or no transaction is pending
bit 2
ACTVIF: Bus Activity Detect Interrupt bit(3)
1
= Activity on the D+/D- lines was detected
0
= No activity detected on the D+/D- lines
bit 1
UERRIF: USB Error Condition Interrupt bit(4)
1
= An unmasked error condition has occurred
0
= No unmasked error condition has occurred.
bit 0
URSTIF: USB Reset Interrupt bit
1
= Valid USB Reset occurred; 00h is loaded into UADDR register
0
= No USB Reset has occurred
Note 1:
Once an Idle state is detected, the user may want to place the USB module in Suspend mode.
2:
Clearing this bit will cause the USTAT FIFO to advance (valid only for IN, OUT and SETUP tokens).
3:
This bit is typically unmasked only following the detection of a UIDLE interrupt event.
4:
Only error conditions enabled through the UEIE register will set this bit. This bit is a status bit only and
cannot be set or cleared by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com