Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 143Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 144Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 145Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 146Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 147Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 148Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 149Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 150Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 320 page
background image
PIC18F2450/4450
© 2006 Microchip Technology Inc.
Advance Information
DS39760A-page 145
14.5.2
USB INTERRUPT ENABLE
REGISTER (UIE)
The USB Interrupt Enable register (Register 14-8)
contains the enable bits for the USB status interrupt
sources. Setting any of these bits will enable the
respective interrupt source in the UIR register.
The values in this register only affect the propagation
of an interrupt condition to the microcontroller’s
interrupt logic. The flag bits are still set by their
interrupt conditions, allowing them to be polled and
serviced without actually generating an interrupt.
REGISTER 14-8:
UIE: USB INTERRUPT ENABLE REGISTER
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
SOFIE
STALLIE
IDLEIE
TRNIE
ACTVIE
UERRIE
URSTIE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
SOFIE: START-OF-FRAME Token Interrupt Enable bit
1
= START-OF-FRAME token interrupt enabled
0
= START-OF-FRAME token interrupt disabled
bit 5
STALLIE: STALL Handshake Interrupt Enable bit
1
= STALL interrupt enabled
0
= STALL interrupt disabled
bit 4
IDLEIE: Idle Detect Interrupt Enable bit
1
= Idle detect interrupt enabled
0
= Idle detect interrupt disabled
bit 3
TRNIE: Transaction Complete Interrupt Enable bit
1
= Transaction interrupt enabled
0
= Transaction interrupt disabled
bit 2
ACTVIE: Bus Activity Detect Interrupt Enable bit
1
= Bus activity detect interrupt enabled
0
= Bus activity detect interrupt disabled
bit 1
UERRIE: USB Error Interrupt Enable bit
1
= USB error interrupt enabled
0
= USB error interrupt disabled
bit 0
URSTIE: USB Reset Interrupt Enable bit
1
= USB Reset interrupt enabled
0
= USB Reset interrupt disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com