Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SPSQTP Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC18F2450-E/SPSQTP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SPSQTP Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC18F2450-E/SPSQTP Datasheet HTML 146Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 147Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 148Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 149Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 150Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 151Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 152Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 153Page - Microchip Technology PIC18F2450-E/SPSQTP Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 320 page
background image
PIC18F2450/4450
DS39760A-page 148
Advance Information
© 2006 Microchip Technology Inc.
14.6
USB Power Modes
Many USB applications will likely have several different
sets of power requirements and configuration. The
most common power modes encountered are Bus
Power Only, Self-Power Only and Dual Power with
Self-Power Dominance. The most common cases are
presented here.
14.6.1
BUS POWER ONLY
In Bus Power Only mode, all power for the application
is drawn from the USB (Figure 14-10). This is
effectively the simplest power method for the device.
FIGURE 14-10:
BUS POWER ONLY
14.6.2
SELF-POWER ONLY
In Self-Power Only mode, the USB application provides
its own power, with very little power being pulled from
the USB. Figure 14-11 shows an example. Note that an
attach indication is added to indicate when the USB
has been connected.
FIGURE 14-11:
SELF-POWER ONLY
14.6.3
DUAL POWER WITH SELF-POWER
DOMINANCE
Some applications may require a dual power option.
This allows the application to use internal power prima-
rily, but switch to power from the USB when no internal
power is available. Figure 14-12 shows a simple Dual
Power with Self-Power Dominance example, which
automatically switches between Self-Power Only and
USB Bus Power Only modes.
FIGURE 14-12:
DUAL POWER EXAMPLE
14.7
Oscillator
The USB module has specific clock requirements. For
full-speed operation, the clock source must be 48 MHz.
Even so, the microcontroller core and other peripherals
are not required to run at that clock speed or even from
the same clock source. Available clocking options are
described in detail in Section 2.3 “Oscillator Settings
for USB”.
14.8
USB Firmware and Drivers
Microchip provides a number of application-specific
resources, such as USB firmware and driver support.
Refer to www.microchip.com for the latest firmware and
driver support.
VDD
VUSB
VSS
VBUS
~5V
VDD
VUSB
VSS
VSELF
~5V
I/O pin
Attach Sense
100 k
Ω
VBUS
~5V
100 k
Ω
Note:
Users should keep in mind the limits for
devices drawing power from the USB.
According to USB Specification 2.0, this
cannot exceed 100 mA per low-power
device or 500 mA per high-power device.
VDD
VUSB
I/O pin
VSS
Attach Sense
VBUS
VSELF
100 k
Ω
~5V
~5V
100 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com