Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8974CFR3 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 34Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 35Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 36Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 37Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 38Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 39Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 40Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 41Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
15.7 BUF_X_LSB, BUF_X_MSB, BUF_Y_LSB, BUF_Y_MSB, BUF_Z_LSB,
BUF_Z_MSB (addresses 0Ch to 11h)
These registers contain either the buffer Head or Tail output acceleration sample data in
2's complement format. The tail (oldest) sample is stored when the FIFO read out mode
is selected, and the head (newest) sample is stored when the LIFO read out mode is
selected.
BUF_CONFIG1[BUF_TYPE] controls the read out mode.
The byte order of the output data is programmable via
SENS_CONFIG2[LE_BE], and
defaults to little-endian mode.
In little-endian mode, the output data buffer registers are arranged with the LSB of each
axes data stored at the lower address. The upper nibble (MSB) is stored at the next
address, and is right justified. In little-endian mode, the buffer output data is also sign
extended to avoid the need for the host software to do sign extension of the output data
on a per sample (per axis) basis.
In big-endian mode (with
SENS_CONFIG2[LE_BE] = 1), the output buffer data registers
are arranged with the MSB of each axis data stored at the lower register address. The
lower nibble(LSB) is stored at the next address, and is left justified. The lower 4 bits of
the LSB are always read as '0'. The host software must right shift the data by 4 bits (or
divide the value by 16) in order to obtain the correct scaling of the acceleration data.
If
SENS_CONFIG2[F_READ] = 1, the auto increment mechanism skips over the MSB
registers. This operation shortens the output data size from 6 bytes to 3 bytes per
XYZ sample. When
SENS_CONFIG2[F_READ] = 1, the MSB of each axes data is
stored at the LSB address, regardless of the setting made in
SENS_CONFIG2[LE_BE].
The output data size may also be reduced using the X/Y/Z_DIS bits located in the
SENS_CONFIG5 register. These bits can be used to selectively disable each axis from
being read out using the auto-increment mechanism. For example, setting X_DIS causes
the auto-increment mechanism to skip over the
BUF_X LSB and MSB registers, thereby
shortening the number of bytes to be read from 6 to 4, or from 3 to 2 when F_READ = 1.
Note: Reading the BUF_STATUS register is not required in order to clear the
BUF_WMRK event flag - if the host has mapped more than the BUF_WMRK event flag
to the same interrupt pin, the
BUF_STATUS register should be used to confirm that
a BUF_WMRK event was the source of the interrupt before initiating the burst read
operation.
Bit
7
6
5
4
3
2
1
0
Name
BUF_X[7:0]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
Table 36. BUF_X_LSB and BUF_X_MSB registers (addresses 0Ch, 0Dh) with SENS_CONFIG2[LE_BE] = 0 bit
allocation
Bit
7
6
5
4
3
2
1
0
Name
SX
SX
SX
SX
BUF_X[11:8]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
38 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com