Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8974CFR3 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 61Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 62Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 63Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 64Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 65Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 66Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 67Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 68Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Field
Description
7 to 6
ORIENT_
BKFR[1:0]
Back-up/Front-up trip angle threshold
Default: 01b; Step size is ~5°/ LSB.
Range: ±65° to ±80°. Default value of ±75°
2 to 0
ORIENT_
ZLOCK[2:0]
Z-lockout angle threshold
Range of ~13° to 44°. Step size is ~4°. Default value of 28.1°
Table 89. ORIENT_BF_ZCOMP register (address 2Bh) bit description
ORIENT_
ZLOCK[2:0]
Resultant angle (min) for positions
between Landscape and Portrait
Resultant angle (max) for ideal
Landscape or Portrait
000
13.6°
14.5°
001
17.1°
18.2°
010
20.7°
22.0°
011
24.4°
25.9°
100
28.1°
30.0°
101
32.0°
34.2°
110
36.1°
38.7°
111
40.4°
43.4°
Table 90. ORIENT_ZLOCK lockout angles
BKFR[1:0]
Back-to-Front Transition
Front-to-Back Transition
00
Z < 80° or Z > 280°
Z > 100° and Z < 260°
01
Z < 75° or Z > 285°
Z > 105° and Z < 255°
10
Z < 70° or Z > 290°
Z > 110° and Z < 250°
11
Z < 65° or Z > 295°
Z > 115° and Z < 245°
Table 91. ORIENT Back/Front orientation transition angle definitions
15.30 ORIENT_THS register (address 2Ch)
Orientation change trip thresholds configuration
Bit
7
6
5
4
3
2
1
0
Name
ORIENT_THS[4:0]
ORIENT_HYS[2:0]
Reset
1
0
0
0
0
1
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 92. ORIENT_THS register (address 2Ch) bit allocation
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
65 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com