Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8974CFR3 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 48Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 49Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 50Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 51Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 52Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 53Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 54Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 55Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Field
Description
1
Z_DIS
Z-axis auto-increment disable:
0 (default): Z-axis measurement is included in the auto-increment address range for both buffered
and non-buffered modes (default).
1: Z-axis measurement is excluded from the auto-increment address range.
0
HIBERNATE_EN
Hibernate mode enable:
0: Hibernate mode not enabled; device is operating per the mode selected in WAKE_PM/SLEEP_
PM[1:0]
1: Commands device to enter Hibernate mode; all RAM register contents are lost.
Notes:
• When BT_MODE = GND:
When Hibernate Mode is selected, FXLS8974CF is completely shut down (similar to removing the
VDD supply), with all register contents lost. To exit Hibernate Mode, a positive or negative going
edge must be applied to the SPI_CS_B/WAKE_UP pin (logic level must toggle from the state
applied at the time this bit was set). The host must then wait TBOOT1 ms for the part to re-enter
Standby mode before attempting communications over the I2C or SPI interfaces.
• When BT_MODE = VDD:
Hibernate mode is automatically entered/exited based on the level input to the MOT_DET pin. The
part directly enters Active mode with the preconfigured motion detection settings when MOT_DET
is pulled high. The host must wait TBOOT2 ms for the boot process to complete and the motion
detection process to begin. When MOT_DET is brought low, the part automatically enters Hibernate
mode to conserve power.
Table 60. SENS_CONFIG5 register (address 19h) bit description...continued
15.16 WAKE_IDLE_LSB register (address 1Ah)
This register, along with WAKE_IDLE_MSB, sets the unsigned 12-bit WAKE mode idle
time (off time).
Note: The contents of this register are only meaningful when
SENS_CONFIG2[WAKE_PM[1:0]] = 1xb.
The counter period is nominally 312.5 µs/LSB, providing a range of 312.5 µs to 1.28
seconds. The idle time + measurement time (set by the WAKE mode decimation factor)
forms the measurement period (ODR–1) as described in the Section 15.13 register
description.
Bit
7
6
5
4
3
2
1
0
Name
WAKE_IDLE[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 61. WAKE_IDLE_LSB register (address 1Ah) bit allocation
15.17 WAKE_IDLE_MSB register (address 1Bh)
Flexible Power Mode WAKE idle time MSB. The contents of this register are only
meaningful when
SENS_CONFIG2[WAKE_PM[1:0]] = 1xb.
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
52 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com