Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8974CFR3 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 36Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 37Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 38Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 39Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 40Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 41Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 42Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 43Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Bit
7
6
5
4
3
2
1
0
Name
BUF_Y[11:4]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
Table 40. BUF_Y_LSB and BUF_Y_MSB registers (addresses 0Eh, 0Fh) with SENS_CONFIG2[LE_BE] = 1 bit
allocation
Bit
7
6
5
4
3
2
1
0
Name
BUF_Y[3:0]
0
0
0
0
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
Bit
7
6
5
4
3
2
1
0
Name
BUF_Z[11:4]
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
Table 41. BUF_Z_LSB and BUF_Z_MSB registers (addresses 10h, 11h) with SENS_CONFIG2[LE_BE] = 1 bit
allocation
Bit
7
6
5
4
3
2
1
0
Name
BUF_Z[3:0]
0
0
0
0
Reset
—
—
—
—
—
—
—
—
Access
R
R
R
R
R
R
R
R
15.8 PROD_REV register (address 12h)
The register contains the product revision number. The revision number is stored in BCD
format, as MAJ.MIN with a range from 1.0 to 9.9, with the initial silicon revision reporting
revision 1.0 (10h).
Bit
7
6
5
4
3
2
1
0
Name
PROD_REV_MAJ[3:0]
PROD_REV_MIN[3:0]
Reset
0
0
0
1
0
1
0
0
Access
R
R
R
R
R
R
R
R
Table 42. PROD_REV register (address 12h) bit allocation
Field
Description
7 to 4
PROD_REV_MAJ[3:0]
Product revision info, major product revision value with range 1 to 9 in BCD format.
3 to 0
PROD_REV_MIN[3:0]
Product revision info, minor product revision value with range 0 to 9 in BCD format.
Table 43. PROD_REV register (address 12h) bit description
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
40 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com