Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8974CFR3 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 7Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 8Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 9Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 10Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 11Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 12Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 13Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 14Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
VDD = 3.0 V , T = 25 °C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDDBOOT
Boot sequence peak current draw
T = –40 °C to
+105 °C; with
no decoupling
capacitors on VDD pin
—
—
5
mA
TON
Transition time (Standby mode to
Active mode with valid data output)
—
—
528.5 µs
+ 0.9984 *
(DEC – 1)
* (1/(ODR
* DEC))[2]
—
s
TOP
Operating temperature range
—
–40
—
+105
°C
Table 8. Electrical characteristics...continued
[1]
Max spec covers the situation where an interrupt pulse is issued by the sensor at the same time the host MCU drives MOT_DET low to signal a hibernate
command. In that case, their durations add up.
[2]
DEC = decimation factor. The selected ODR and operating mode determines the decimation factor. See Section 15.13 for more information on setting
or determining the measurement decimation factor. In LPM, the DEC factor is fixed at 1, making the time to first sample output fixed at 528.5 μs (typ),
independent of the selected ODR.
11 Temperature sensor characteristics
VDD = 3.0 V, T = 25 °C, unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
nTEMP
Output data width
—
—
8
—
bits
FSRTEMP
Measurement range
—
—
–40 to +105
—
°C
SENTEMP
Sensitivity
—
—
1
—
°C/LSB
SENTOL-TEMP Sensitivity tolerance
—
—
±2.5
—
%
OFFTEMP
Nominal zero-output
offset
Output Code = 00h
—
25
—
°C
Table 9. Temperature sensor performance parameters
12 I2C digital interface
The registers embedded within FXLS8974CF may be accessed using an I2C interface
when the INTF_SEL pin is tied to GND. If the VDD supply is not present, the device is in
shutdown mode and any communications on the interface are ignored. When the device
is on a common I2C-bus with other secondary devices, the VDD supply pin must be left
unconnected (high-impedance) when the device supply is turned off to ensure that the
internal ESD protection diodes do not become forward biased and prevent the bus from
functioning normally (clamping).
The I2C secondary interface port of FXLS8974CF is compliant with the following three
operating modes as defined in UM10204[3]:
• Fast-mode Plus (Fm+) at 1000 kHz
• Fast-mode (Fm) at 400 kHz
• Standard-mode (Sm) at 100 kHz
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
11 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com