Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8974CFR3 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # FXLS8974CFR3
Description  3-Axis Low-g Accelerometer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8974CFR3 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button FXLS8974CFR3 Datasheet HTML 59Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 60Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 61Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 62Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 63Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 64Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 65Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 66Page - NXP Semiconductors FXLS8974CFR3 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
NXP Semiconductors
FXLS8974CF
3-Axis Low-g Accelerometer
Field
Description
6
LO
Z-tilt angle lockout
0: Lockout condition has not been detected.
1: Z-tilt lockout trip angle has been exceeded. Lockout condition has been detected.
Note: The LO bit continues to update with orientation changes even after the NEW_ORIENT flag is
set.
2 to 1
LAPO[1:0]
Landscape/Portrait orientation
00: Portrait up: The device is oriented vertically in the upward direction.
01: Portrait down: The device is oriented vertically in the downward direction.
10: Landscape right: The device is oriented horizontally to the right.
11: Landscape left: The device is oriented horizontally to the left.
Note: The LAPO[1:0] field continues to update with orientation changes even after the NEW_
ORIENT flag is set.
0
BAFRO
Back or front orientation
0: Front: The device is in the front-facing orientation.
1: Back: The device is in the back-facing orientation.
Note: The BAFRO bit continues to update with orientation changes even after the NEW_ORIENT
flag is set.
Table 83. ORIENT_STATUS register (address 28h) bit description...continued
Notes:
• The BAFRO and LAPO fields are reset to 0 after a POR or soft reset event. These
bits are also automatically cleared after a transition from STANDBY to ACTIVE or
STANDBY to EXT_TRIG modes.
• The current orientation is locked if the absolute value of the acceleration experienced
on any of the three axes is greater than 1.25 g.
15.27 ORIENT_CONFIG register (address 29h)
This register is used to enable the orientation detection function and set the behavior of
the orientation transition debounce counter.
Bit
7
6
5
4
3
2
1
0
Name
ORIENT_
DBCNTM
ORIENT_
ENABLE
—
Reset
1
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 84. ORIENT_CONFIG register (address 29h) bit allocation
Field
Description
7
ORIENT_DBCNTM
Orientation debounce counter mode selection
0: Orientation debounce counter is decremented whenever the current orientation is different than the
previous one.
1: Orientation debounce counter is cleared whenever the current orientation is different than the
previous one.
Table 85. ORIENT_CONFIG register (address 29h) bit description
FXLS8974CF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 1.5 — 11 March 2022
63 / 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com