Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CFL Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFL
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFL Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFL Datasheet HTML 58Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 59Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 60Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 61Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 62Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 63Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 64Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 65Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
2.5
DAC12 Characteristics
Table 2.38
D/A conversion characteristics
Parameter
Min
Typ
Max
Unit
Test conditions
Resolution
—
—
12
Bits
—
Without output amplifier
Absolute accuracy
—
—
±24
LSB
Resistive load 2 MΩ
INL
—
±2.0
±8.0
LSB
Resistive load 2 MΩ
DNL
—
±1.0
±2.0
LSB
—
Output impedance
—
8.5
—
kΩ
—
Conversion time
—
—
3
µs
Resistive load 2 MΩ, Capacitive load 20 pF
Output voltage range
0
—
AVCC0
V
—
With output amplifier
INL
—
±2.0
±4.0
LSB
—
DNL
—
±1.0
±2.0
LSB
—
Conversion time
—
—
4.0
µs
—
Resistive load
5
—
—
kΩ
—
Capacitive load
—
—
50
pF
—
Output voltage range
0.2
—
AVCC0 – 0.2
V
—
2.6
TSN Characteristics
Table 2.39
TSN characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Relative accuracy
—
—
± 1.0
—
°C
—
Temperature slope
—
—
4.0
—
mV/°C
—
Output voltage (at 25 °C)
—
—
1.24
—
V
—
Temperature sensor start time
tSTART
—
—
30
µs
—
Sampling time
—
4.15
—
—
µs
—
2.7
ACMPHS Characteristics
Table 2.40
ACMPHS characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input offset voltage
VIO
—
—
40
mV
Reference voltage range
VREF
0
—
AVCC0
V
Input voltage range
VI
0
—
AVCC0
V
Output delay
ttot(r)
—
—
200
ns
VOD = 100 mV
CMPCTL.CDFS = 0
ttot(f)
—
—
200
ns
Waiting time for stabilization following
switching of the input
tcwait
300
—
—
ns
Operation stabilization time
tcmp
—
—
1
µs
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 62 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com