Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CFL Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFL
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFL Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFL Datasheet HTML 67Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 68Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 69Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 70Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 71Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 72Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 73Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 74Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 93 page
background image
FACI command
FSTATR.FRDY
Programming pulse
• Suspension during programming
FACI command
FSTATR.FRDY
Erasure pulse
• Suspension during erasure in suspend priority mode
FACI command
FSTATR.FRDY
Erasure pulse
• Suspension during erasure in erasure priority mode
Program
Suspend
Ready
Not Ready
Ready
Programming
tSPD
Erase
Suspend
Ready
Not Ready
Ready
tSEED
Erasing
Erase
Suspend
Resume
Suspend
Ready
Not Ready
Ready
Not Ready
tSESD1
tSESD2
Erasing
Erasing
tFD
• Forced Stop
FACI command
FSTATR.FRDY
Forced Stop
Not Ready
Ready
Resume
tPRT
Programming
Resume
tREST1
Ready
Not Ready
tREST2
Erasing
Resume
Not Ready
tREET
Erasing
Figure 2.57
Suspension and forced stop timing for flash memory programming and erasure
2.11.2
Data Flash Memory Characteristics
Table 2.46
Data flash memory characteristics (1 of 2)
Conditions: Program or erase: FCLK = 4 to 60 MHz
Read: FCLK ≤ 60 MHz
Parameter
Symbol
FCLK = 4 MHz
20 MHz ≤ FCLK ≤ 60 MHz
Unit
Test
conditions
Min
Typ*6 Max Min
Typ*6
Max
Programming time
4-byte
tDP4
—
0.36
3.8
—
0.16
1.7
ms
8-byte
tDP8
—
0.38
4.0
—
0.17
1.8
16-byte
tDP16
—
0.42
4.5
—
0.19
2.0
Erasure time
64-byte
tDE64
—
3.1
18
—
1.7
10
ms
128-byte tDE128
—
4.7
27
—
2.6
15
256-byte tDE256
—
8.9
50
—
4.9
28
Blank check time
4-byte
tDBC4
—
—
84
—
—
30
µs
Reprogramming/erasure cycle*1
NDPEC
125000*2 —
—
125000*2
—
—
—
Suspend delay during programming
4-byte
tDSPD
—
—
264 —
—
120
µs
8-byte
—
—
264 —
—
120
16-byte
—
—
264 —
—
120
Programming resume time
tDPRT
—
—
110
—
—
50
µs
First suspend delay during erasure in
suspend priority mode
64-byte
tDSESD1 —
—
216 —
—
120
µs
128-byte
—
—
216 —
—
120
256-byte
—
—
216 —
—
120
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 71 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com