Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CFL Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFL
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFL Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFL Datasheet HTML 61Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 62Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 63Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 64Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 65Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 66Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 67Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 68Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 93 page
background image
Table 2.42
PGA characteristics in differential mode (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Differential input voltage range
G = 1.500
AIN-PGAVSS
-0.5
—
0.5
V
 
G = 2.333
-0.4
—
0.4
V
 
G = 4.000
-0.2
—
0.2
V
 
G = 5.667
-0.15
—
0.15
V
 
Output voltage range*1   
G = 1.500
VOR
0.600 —
2.550 V
 
G = 2.333
0.417 —
2.733 V
 
G = 4.000
0.550 —
2.600 V
 
G = 5.667
0.500 —
2.650 V
 
Gain error
G = 1.500
Gerr
-1.0
—
1.0
%
 
G = 2.333
-1.0
—
1.0
%
 
G = 4.000
-1.0
—
1.0
%
 
G = 5.667
-1.0
—
1.0
%
 
Operation stabilization time
tstart
—
—
5
µs
 
Note 1. Calculate with the following formula.
VOR = (AIN-PGAVSS) × G + (0.5 × AVCC0)
Actual output range includes gain error.
VOR = (AIN-PGAVSS) × G × (Gerr +100%) + (0.5 × AVCC0)
VI(PGAVSS)
0.5V when
G = 1.5
0.5V when
G = 1.5
Differential input voltage
VID = VI(AN) – VI(PGAVSS)
Analog input
(AN000,002,004,018)
Reference ground at the
time of PGA pseudo-
differential input
(PGAVSSn n = 0 to 3)
0.5 × AVCC0
R2
R1
R2
R1
VO
AVCC0
0.5 × AVCC0
Output voltage (VO)
= G × VID + 0.5 × AVCC0
0
Figure 2.51
Input and Output Signal Levels with the PGA’s Pseudo-Differential Setting
2.9
OSC Stop Detect Characteristics
Table 2.43
Oscillation stop detection circuit characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Detection time
tdr
—
—
1
ms
Figure 2.52
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 65 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com