Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CFL Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFL
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFL Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFL Datasheet HTML 66Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 67Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 68Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 69Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 70Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 71Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 72Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 73Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
Table 2.45
Code flash memory characteristics (2 of 2)
Conditions: Program or erase: FCLK = 4 to 60 MHz
Read: FCLK ≤ 60 MHz
Parameter
Symbol
FCLK = 4 MHz
20 MHz ≤ FCLK ≤ 60 MHz
Unit
Test
conditions
Min
Typ*6 Max Min
Typ*6
Max
Suspend delay during programming
tSPD
—
—
264
—
—
120
µs
Programming resume time
tPRT
—
—
110
—
—
50
µs
First suspend delay during erasure in suspend
priority mode
tSESD1
—
—
216
—
—
120
µs
Second suspend delay during erasure in suspend
priority mode
tSESD2
—
—
1.7
—
—
1.7
ms
Suspend delay during erasure in erasure priority
mode
tSEED
—
—
1.7
—
—
1.7
ms
First erasing resume time during erasure in suspend
priority mode*5
tREST1
—
—
1.7
—
—
1.7
ms
Second erasing resume time during erasure in
suspend priority mode
tREST2
—
—
144
—
—
80
µs
Erasing resume time during erasure in erasure
priority mode
tREET
—
—
144
—
—
80
µs
Forced stop command
tFD
—
—
32
—
—
20
µs
Data hold time*2
tDRP
10*2 *3
—
—
10*2 *3
—
—
Years
30*2 *3
—
—
30*2 *3
—
—
Ta = +85°C
Note 1. This is the minimum number of times to guarantee all the characteristics after reprogramming. The guaranteed range is from 1 to
the minimum value.
Note 2. This indicates the minimum value of the characteristic when reprogramming is performed within the specified range.
Note 3. This result is obtained from reliability testing.
Note 4. The reprogram/erase cycle is the number of erasures for each block. When the reprogram/erase cycle is n times (n = 10,000),
erasing can be performed n times for each block. For example, when 128-byte programming is performed 64 times for different
addresses in 8-KB blocks, and then the entire block is erased, the reprogram/erase cycle is counted as one. However, programming
the same address several times as one erasure is not enabled. Overwriting is prohibited.
Note 5. Time for resumption includes time for reapplying the erasing pulse (up to one full pulse) that was cut off at the time of suspension.
Note 6. The reference value at VCC = 3.3V and room temperature.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 70 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com