Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CFL Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFL
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFL Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFL Datasheet HTML 82Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 83Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 84Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 85Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 86Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 87Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 88Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 89Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 93 page
background image
Table 3.1
Peripheral base address (3 of 3)
Name
Description
Base address
FLAD
Data Flash
0x407F_C000
FACI
Flash Application Command Interface
0x407F_E000
Note:
Name = Peripheral name
Description = Peripheral functionality
Base address = Lowest reserved address or address used by the peripheral
3.2
Access Cycles
This section provides access cycle information for the I/O registers described in this manual.
● Registers are grouped by associated module.
● The number of access cycles indicates the number of cycles based on the specified reference clock.
● In the internal I/O area, reserved addresses that are not allocated to registers must not be accessed, otherwise operations
cannot be guaranteed.
● The number of I/O access cycles depends on bus cycles of the internal peripheral bus, divided clock synchronization
cycles, and wait cycles of each module. Divided clock synchronization cycles differ depending on the frequency ratio
between ICLK and PCLK.
● When the frequency of ICLK is equal to that of PCLK, the number of divided clock synchronization cycles is always
constant.
● When the frequency of ICLK is greater than that of PCLK, at least 1 PCLK cycle is added to the number of divided
clock synchronization cycles.
● The number of write access cycles indicates the number of cycles obtained by non-bufferable write access.
Note:
This applies to the number of cycles when access from the CPU does not conflict with bus access from other bus
masters such as DTC or DMAC.
Table 3.2
Access cycles (1 of 3)
Peripherals
Address
Number of access cycles
ICLK = PCLK
ICLK > PCLK*1
Cycle
Unit
Related function
From
To
Read
Write
Read
Write
RMPU, TZF,
SRAM, BUS,
DMACn, DMA,
DTC, ICU
0x4000_0000
0x4000_6FFF
4
3
4
3
ICLK
Renesas Memory
Protection Unit,
TrustZone Filter,
SRAM Control, BUS
Control, Direct
memory access
controller n, DMAC
Module Activation,
DTC Control Register,
Interrupt Controller
CACHE
0x4000_7000
0x4000_7FFF
4
5
4
5
ICLK
CACHE
CPSCU, DBG,
FCACHE
0x4000_8000
0x4001_CFFF
4
3
4
3
ICLK
CPU System Security
Control Unit, Debug
Function, Flash Cache
SYSC
0x4001_E000
0x4001_E3FF
5
4
5
4
ICLK
System Control
SYSC
0x4001_E400
0x4001_E5FF
9
8
5 to 8
5 to 8
PCLKB
System Control
PORTn
0x4001_F000
0x4001_F7FF
5
3
5
3
ICLK
PORTn Control
Register 1/3/4
PORTn (PCNTR2) 0x4001_F000
0x4001_F7FF
8
3
8
3
ICLK
PORTn Control
Register 2
PFS
0x4001_F800
0x4001_FFFF
8
3
8
3
ICLK
Pmn Pin Function
Control Register
IIRFA
0x4002_0000
0x4002_03FF
4
3
4
3
ICLK
IIR Filter Accelerator
IIRFA
0x4002_0400
0x4002_0FFF
6
3
6
3
ICLK
IIR Filter Accelerator
RA6T2 Datasheet
Appendix 3. I/O Registers
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 86 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com