Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CFL Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFL
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFL Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFL Datasheet HTML 83Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 84Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 85Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 86Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 87Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 88Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 89Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 90Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 93 page
background image
Table 3.2
Access cycles (2 of 3)
Peripherals
Address
Number of access cycles
ICLK = PCLK
ICLK > PCLK*1
Cycle
Unit
Related function
From
To
Read
Write
Read
Write
TFU
0x4002_1000
0x4002_1FFF
4
3
4
3
ICLK
Trigonometric
Function Unit
ELC
0x4008_2000
0x4008_2FFF
5
4
3 to 5
2 to 4
PCLKB
Event Link Controller
IWDT, WDT, CAC
0x4008_3000
0x4008_3FFF
5
4
3 to 5
2 to 4
PCLKB
Independent
Watchdog Timer,
Watchdog Timer,
Clock Frequency
Accuracy
Measurement Circuit
MSTP
0x4008_4000
0x4008_4FFF
5
4
2 to 4
2 to 4
PCLKB
Module Stop Control
KINT
0x4008_5000
0x4008_5FFF
4
3
1 to 4
1 to 3
PCLKB
Key Interrupt Function
POEG
0x4008_A000
0x4008_AFFF
5
4
3 to 5
2 to 4
PCLKB
Port Output Enable for
GPT
CANFD
0x400B_0000
0x400C_1FFF
5
4
2 to 5
2 to 4
PCLKB
CANFD Module
PSCU
0x400E_0000
0x400E_0FFF
5
4
2 to 5
2 to 4
PCLKB
Peripheral Security
Control Unit
AGTn
0x400E_8000
0x400E_8FFF
7
4
4 to 7
2 to 4
PCLKB
Low Power
Asynchronous
General Purpose
Timer n
TSN
0x400F_3000
0x400F_3FFF
5
4
2 to 5
2 to 4
PCLKB
Temperature Sensor
ACMPHSn
0x400F_4000
0x400F_4FFF
4
3
1 to 3
1 to 3
PCLKB
High-Speed Analog
Comparator
CRC, DOC
0x4010_8000
0x4010_9FFF
5
4
2 to 5
2 to 4
PCLKA
Cyclic Redundancy
Check, Data
Operation Circuit
SCIn
0x4011_8000
0x4011_8FFF
5
4
2 to 4
2 to 4
PCLKA
Serial Communication
Interface n
SPIn
0x4011_A000
0x4011_AFFF
5
4
2 to 5
2 to 4
PCLKA
Serial Peripheral
Interface n
IICn
0x4011_F000
0x4011_FFFF
5
4
2 to 4
2 to 4
PCLKA
Inter-Integrated Circuit
n
CANFD ECC
0x4012_F200
0x4012_FFFF
5
4
2 to 5
2 to 4
PCLKA
CANFD ECC Module
SCE5
0x4016_1000
0x4016_1FFF
6
4
3 to 6
2 to 4
PCLKA
Secure Cryptographic
Engine
GPT32n,
GPT_OPS (core
clock = PCLKD)
0x4016_9000
0x4016_9FFF
8
5
5 to 8
3 to 5
PCLKA
General PWM Timer
n, Output Phase
Switching Controller
GPT32n,
GPT_OPS (core
clock = GPTCLK)
0x4016_9000
0x4016_9FFF
10
7
7 to 10
5 to 7
PCLKA
General PWM Timer
n, Output Phase
Switching Controller
GPT (GTCKCR)
0x4016_9B00
0x4016_9B00
5
4
2 to 4
2 to 4
PCLKA
GPT Clock Control
Register
PDG
0x4016_A000
0x4016_AFFF
4
3
1 to 3
1 to 3
PCLKA
PWM Delay
Generation
ADC
0x4017_0000
0x4017_0FFF
5
4
2 to 5
2 to 4
PCLKA
12-bit A/D Converter
ADC
0x4017_1000
0x4017_1FFF
4
3
1 to 3
1 to 3
PCLKA
12-bit A/D Converter
DAC12n
0x4017_2000
0x4017_2FFF
5
4
2 to 4
2 to 4
PCLKA
12-bit D/A Converter
RA6T2 Datasheet
Appendix 3. I/O Registers
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 87 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com