Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDFM Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 47Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 48Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 49Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 50Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 51Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 52Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 53Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 54Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 51 of 178
Apr 15, 2022
1.6.3
144-Pin LFQFP
Table 1.7
List of Pin and Pin Functions (144-Pin LFQFP) (1/8)
Pin No.
Power
Supply
Clock
System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Interrupt
A/D
Others
(CTSU,
CLKOUT,
Tamper
detection)
144-Pin
LFQFP
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(SCI, RSCI,
RSPI, RSPIA,
RIIC, RIICHS,
CAN, USB, SSIE,
REMC)
(QSPIX,
SDHI)
1
AVSS0
2P05
IRQ13
3
AVCC1
4P03
IRQ11
5
AVSS1
6
P02
TMCI1
SCK6
IRQ10
AN109
7
P01
TMCI0
RXD6/SMISO6/
SSCL6
IRQ9
AN110
8
P00
TMRI0
TXD6/SMOSI6/
SSDA6
IRQ8
AN111
9PF5
IRQ4
10
EMLE
11
PJ5
POE8#
CTS2#/RTS2#/
SS2#
IRQ13
12
VSS
13
EXCIN
PJ3
EDACK1
MTIOC3C
CTS6#/RTS6#/
CTS0#/RTS0#/
SS6#/SS0#
IRQ11
14
VCL
15
VBATT
16
MD/FINED
17
XCIN
18
XCOUT
19
RES#
20
XTAL
P37
21
VSS
22
EXTAL
P36
23
VCC
24
UPSEL
P35
NMI
25
TRST#
P34
MTIOC0A/
TMCI3/PO12/
POE10#
SCK6/SCK0
IRQ4
TS0
26
P33
EDREQ1
MTIOC0D/
TIOCD0/
TMRI3/PO11/
POE4#/
POE11#
RXD6/RXD0/
SMISO6/
SMISO0/SSCL6/
SSCL0/CRX0
IRQ3-DS
TS1
27
P32
MTIOC0C/
TIOCC0/
TMO3/PO10/
RTCOUT/
RTCIC2/
POE0#/
POE10#
TXD6/TXD0/
SMOSI6/
SMOSI0/SSDA6/
SSDA0/CTX0/
USB0_VBUSEN
IRQ2-DS
TAMPI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com