| Electronic Components Datasheet Search |
|
R5F5671CDDFM Datasheet(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFM Datasheet(HTML) 26 Page - Renesas Technology Corp |
|
26 / 178 page ![]() RX671 Group 1. Overview R01DS0373EJ0110 Rev.1.10 Page 26 of 178 Apr 15, 2022 Note: Note the following regarding pin names. For details, see section 1.6, List of Pin and Pin Functions. - When a letter “-A”, “-B”, etc. to indicate group membership is appended to the pin name, each pin is recommended to use in combination with the pins in the same group. All RSPI, RSPIA, QSPIX, SDHI AC timings are measured in combination with the pins in the same group. - When the pin functions have “-DS” appended to their names, they can also be used as triggers for release from deep software standby. - RIIC and RIICHS pin functions that have [FM+] appended to their names support fast-mode plus. Note 1. When neither the 12-bit A/D converter nor temperature sensor is to be used, connect the AVCC0 and AVCC1 pins to VCC, and the AVSS0 and AVSS1 pins to VSS. I/O ports P00 to P03, P05, P07 I/O 6-bit input/output pins P12 to P17 I/O 6-bit input/output pins P20 to P27 I/O 8-bit input/output pins P30 to P37 I/O 8-bit input/output pins (P35: input pin) P40 to P47 I/O 8-bit input/output pins P50 to P56 I/O 7-bit input/output pins P60 to P67 I/O 8-bit input/output pins P70 to P77 I/O 8-bit input/output pins P80 to P83, P86, P87 I/O 6-bit input/output pins P90 to P93 I/O 4-bit input/output pins PA0 to PA7 I/O 8-bit input/output pins PB0 to PB7 I/O 8-bit input/output pins PC0 to PC7 I/O 8-bit input/output pins PD0 to PD7 I/O 8-bit input/output pins PE0 to PE7 I/O 8-bit input/output pins PF5 I/O 1-bit input/output pins PH1, PH2 I/O 2-bit input/output pins PJ3, PJ5 I/O 2-bit input/output pins Table 1.4 Pin Functions (8/8) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |