Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDFM Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 70Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 71Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 72Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 73Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 74Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 75Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 76Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 77Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 74 of 178
Apr 15, 2022
1.6.7
64-Pin LFQFP
Table 1.11
List of Pin and Pin Functions (64-Pin LFQFP) (1/3)
Pin No.
Power Supply
Clock
System
Control
I/O Port
Timer
Communication
Interrupt
A/D
Others
(CTSU,
Tamper
detection)
64-Pin
LFQFP
(MTU, TPU, TMR,
RTC, CMTW, POE,
CAC)
(SCI, RSCI, RSPI,
RSPIA, RIIC,
RIICHS, USB, SSIE,
REMC)
(QSPIX,
SDHI)
1
AVCC1
2EMLE
3
AVSS1
4VCL
5
VBATT
6
MD/FINED
7XCIN
8
XCOUT
9
RES#
10
XTAL
P37
11
VSS
12
EXTAL
P36
13
VCC
14
UPSEL
P35
NMI
15
TRST#
P34
MTIOC0A/TMCI3/
POE10#
IRQ4
TS0
16
TDI
P30
MTIOC4B/TMRI3/
RTCIC0/POE8#
RXD1/SMISO1/
SSCL1/MISOB-A
IRQ0-DS
TAMPI0
17
TMS
P31
MTIOC4D/TMCI2/
RTCIC1
CTS1#/RTS1#/
SS1#/SSLB0-A
IRQ1-DS
TAMPI1
18
TDO
P26
MTIOC2A/TMO1
TXD1/CTS3#/
RTS3#/SMOSI1/
SS3#/SSDA1/
MOSIB-A
IRQ6
TS3
19
TCK
P27
MTIOC2B/TMCI3
SCK1/RSPCKB-A
IRQ7
TS2
20
P17
MTIOC3A/
MTIOC3B/
MTIOC4B/TIOCB0/
TCLKD/TMO1/
POE8#
SCK1/TXD3/
SMOSI3/SSDA3/
SDA2-DS/SSITXD0
SDHI_D3-C
IRQ7
ADTRG1#
21
P16
MTIOC3C/
MTIOC3D/TIOCB1/
TCLKC/TMO2/
RTCOUT
TXD1/RXD3/
SMOSI1/SMISO3/
SSDA1/SSCL3/
SCL2-DS/
USB0_VBUS
IRQ6
ADTRG0#
22
P13
MTIOC0B/TIOCA5/
TMO3
TXD2/SMOSI2/
SSDA2/SDA0[FM+]/
SDAHS0[FM+/HS]
IRQ3
ADTRG1#
23
P12
TMCI1/MTIC5U
RXD2/SMISO2/
SSCL2/SCL0[FM+]/
SCLHS0[FM+/HS]
IRQ2
24
VCC_USB
25
PH2
TMRI0
USB0_DM
IRQ1
26
PH1
TMO0
USB0_DP
IRQ0
27
VSS_USB
28
P53
SSIRXD0/PMC0-DS
IRQ3
TS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com