Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F166AF/044FR Datasheet(PDF) 31 Page - SINOWEALTH Electronic Ltd

Part # SH79F166AF/044FR
Description  Enhanced 8051 Microcontroller with 10bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F166AF/044FR Datasheet(HTML) 31 Page - SINOWEALTH Electronic Ltd

Back Button SH79F166AF/044FR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH79F166AF/044FR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 113 page
background image
SH79F166A
31
7.5.6 Capacitor Selection for Oscillator
Ceramic Resonators
Frequency
C1
C2
3.58MHz
-
-
4MHz
-
-
Crystal Oscillator
Frequency
C1
C2
32.768kHz
10 - 12pF
10 - 12pF
4MHz
8 - 15pF
8 - 15pF
12MHz
8 - 15pF
8 - 15pF
Notes:
(1) Capacitor values are used for design guidance only!
(2) These capacitors were tested with the crystals listed above for basic start-up and operation. They are not optimized.
(3) Be careful for the stray capacitance on PCB board, the user should test the performance of the oscillator over the expected
VDD and the temperature range for the application.
Before selecting crystal/ceramic, the user should consult the crystal/ceramic manufacturer for appropriate value of external
component to get best performance, visit http://www.sinowealth.comfor more recommended manufactures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com